Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87591E Datasheet HTML 1Page - National Semiconductor (TI) PC87591E Datasheet HTML 2Page - National Semiconductor (TI) PC87591E Datasheet HTML 3Page - National Semiconductor (TI) PC87591E Datasheet HTML 4Page - National Semiconductor (TI) PC87591E Datasheet HTML 5Page - National Semiconductor (TI) PC87591E Datasheet HTML 6Page - National Semiconductor (TI) PC87591E Datasheet HTML 7Page - National Semiconductor (TI) PC87591E Datasheet HTML 8Page - National Semiconductor (TI) PC87591E Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 437 page
background image
© 2004 National Semiconductor Corporation
www.national.com
PRELIMINARY
March 2004
Revision 1.07
PC87591E, PC87591S and PC87591L
LPC Mobile Embedded Controllers
General Description
The National Semiconductor PC87591E, PC87591S and
PC87591L are highly integrated, embedded controllers with
an embedded-RISC core and integrated advanced func-
tions. These devices are targeted for a wide range of porta-
ble applications that use the Low Pin Count (LPC) interface.
The PC87591S is targeted for security applications and in-
cludes supporting hardware such as the Hardware Random
Number Generator. The PC8591L replaces the on-chip
flash with 4K of boot ROM for value solutions using shared
BIOS architecture. “PC87591x” refers to all the devices.
The PC87591x incorporates National’s CompactRISC
CR16B core (a high-performance 16-bit RISC processor),
on-chip flash (ROM for the PC87591L) and RAM memories,
system support functions and a Bus Interface Unit (BIU) that
directly interfaces with optional external memory (such as
flash) and I/O devices.
System support functions include: WATCHDOG and other
timers, interrupt control, general-purpose I/O (GPIO) with
internal
keyboard
matrix
scanning,
PS/2®
Interface,
ACCESS.bus® interface, high accuracy analog-to-digital
(ADC) and digital-to-analog converters (DAC) for battery
charging, system control, system health monitoring and an-
alog controls.
The PC87591x interfaces with the host via an LPC interface
that provides the host with access to the Keyboard and em-
bedded controller interface channels, integrated functions,
Real-Time Clock (RTC), BIOS firmware and security func-
tions.
Like members of National’s SuperI/O family, the PC87591x
is PC01 and ACPI compliant.
Outstanding Features
■
Host interface, based on Intel’s LPC Interface Specifi-
cation Revision 1.0, September 29th, 1997
■
PC01 Rev 1.0, and ACPI 2.0 compliant
■
16-bit RISC core, with 2 Mbyte address space, and
running at up to 20 MHz
■
Software and Hardware controlled clock throttling
■
Shared BIOS flash memory (internal and/or external)
■
Y2K-compliant RTC
■
84/117 GPIO ports (for 128-pin/176-pin packages)
with a variety of wake-up events
■
Extremely low current consumption in Idle mode
■
JTAG-based debugger interface
■
128-pin and 176-pin options, in LQFP package
(PC87591L is 176-pin only)
Block Diagram
Core Bus
Peripheral Bus
Bus
KBC + PM
Host I/F
RTC
Processing
Unit
RAM
External
BIU
CR16B Core
32.768 KHz
ICU
HFCG
PMC
ADC
ACB
GPIO
WDG
FLASH or ROM
MIWU
Memory + I/O
MFT16
Timer +
Adapter
PS/2
I/F
(X2)
CLK
DAC
(X2)
Memory
Debugger
I/F
Shared mem.
+ Security
LPC
I/F
Serial
IRQ
SMI
Functions
Internal Bus
CR Access
DMA
JTAG
KBSCAN +
ACM
USART
Peripherals
LPC Bus I/F
I/F Functions
PWM
Reset &
Config
MSWC
Bridge
Controlled
Host
National Semiconductor is a registered trademark of National Semiconductor Corporation. All other brand or product names are trademarks or registered trademarks of their respective holders.


Similar Part No. - PC87591E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87591L-N05 NSC-PC87591L-N05 Datasheet
4Mb / 401P
LPC Mobile Embedded Controller
PC87591L-SLCN05 NSC-PC87591L-SLCN05 Datasheet
4Mb / 401P
LPC Mobile Embedded Controller
PC87591L-VPCN05 NSC-PC87591L-VPCN05 Datasheet
4Mb / 401P
LPC Mobile Embedded Controller
More results

Similar Description - PC87591E

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80189 ZILOG-Z80189 Datasheet
559Kb / 107P
GENERAL-PURPOSE EMBEDDED CONTROLLERS
logo
National Semiconductor ...
PC87591L-N05 NSC-PC87591L-N05 Datasheet
4Mb / 401P
LPC Mobile Embedded Controller
logo
ITT Industries
120220-0130 ITT-120220-0130 Datasheet
154Kb / 1P
MOBILE CONNECTOR SERIES LPC CP1/CP2
logo
Winbond
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
Mobile Embedded System
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
Embedded Controller for Mobile Systems
logo
Freescale Semiconductor...
MCF5249LAG120 FREESCALE-MCF5249LAG120 Datasheet
110Kb / 2P
ColdFire Embedded Controllers
logo
List of Unclassifed Man...
ORCA-2510 ETC2-ORCA-2510 Datasheet
857Kb / 1P
Orca Fanless Embedded Controllers
ORCA-2780 ETC2-ORCA-2780 Datasheet
863Kb / 1P
Orca Fanless Embedded Controllers
logo
Texas Instruments
SN54LVT8980A TI1-SN54LVT8980A_14 Datasheet
871Kb / 38P
EMBEDDED TEST-BUS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com