Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87591E Datasheet HTML 1Page - National Semiconductor (TI) PC87591E Datasheet HTML 2Page - National Semiconductor (TI) PC87591E Datasheet HTML 3Page - National Semiconductor (TI) PC87591E Datasheet HTML 4Page - National Semiconductor (TI) PC87591E Datasheet HTML 5Page - National Semiconductor (TI) PC87591E Datasheet HTML 6Page - National Semiconductor (TI) PC87591E Datasheet HTML 7Page - National Semiconductor (TI) PC87591E Datasheet HTML 8Page - National Semiconductor (TI) PC87591E Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 437 page
background image
Revision 1.07
3
www.national.com
Features (Continued)
■
Interrupt Control Unit (ICU)
— 31 maskable vectored interrupts (of which 26 are ex-
ternal)
— General-purpose external interrupt inputs through
MIWU
— Enable and pending indication for each interrupt
— Non-maskable interrupt input
■
Multi-Input Wake-Up (MIWU)
— Supports up to 32 wake-up or interrupt inputs
— Generates wake-up event to PMC (Power Manage-
ment Controller)
— Generates interrupts to ICU
— Provides user-selectable trigger conditions
■
General-Purpose I/O (GPIO)
— 84/117 port pins in 128-pin/176-pin package, re-
spectively.
— I/O pins individually configured as input or output
— Configurable internal pull-up resistors
— Special ports for internal keyboard matrix scanning
❏
16 open-collector outputs
❏
Eight Schmitt inputs with internal pull-ups
— Input for system On/Off switch
— 27 external wake-up events
— Low-cost external GPIO expansion through the
BIU I/O Expansion protocol
■
PS/2 Interface
— Supports four external ports: Keyboard, mouse and
two additional pointing devices
— Supports byte-level handling via hardware accelera-
tor
■
Two ACCESS.bus (ACB) Interface modules. Each is:
— Intel SMBus® and Philips I2C® compatible
— ACCESS.bus master and slave
— Up to three simultaneous slave addresses detected
— Supports polling and interrupt controlled operation
— Generates a wake-up signal on detection of a Start
Condition while in Idle mode
— Optional internal pull-up on SDA and SCL pins
■
Two 16-bit Multi Function Timer (MFT16) modules.
Each module:
— Contains two 16-bit timers
— Supports Pulse Width Modulation (PWM), Capture
and Counter
■
Universal Synchronous/ Asynchronous Receiver-trans-
mitter (USART)
— A full-duplex USART channel
— Programmable baud rate
— Data transfer via interrupt or polling
— Synchronous mode with either internal or external
clock
— 7-, 8- or 9-bit protocols.
■
Pulse Width Modulation (PWM) Module
— Eight outputs
— 8-bit duty cycle resolution
— Common input clock prescaler
■
Timer and WATCHDOG (TWM)
— 16-bit periodic interrupt timer with 30
µs resolution
and 5-bit prescaler for system tick and periodic
wake-up tasks
— 8-bit WATCHDOG timer
■
Analog to Digital Converter (ADC)
— Fourteen channels, with 10-bit resolution
— Sigma-delta technology for high noise rejection
— Three voltage measurements and one temperature
measurement every 100 ms
— Internal voltage reference
■
Hardware Monitoring
— Controlled by embedded controller
— System Voltage Measurement
❏
Up to eight external measurement points
❏
Four internal measurement points
❏
Smart power failure detection
— Diode-Based Temperature Measurement
❏
Software-controlled fault detection
❏
Hardware-monitored over-temperature detection
— Production time calibration using flash parameters
■
Digital to Analog Converter (DAC)
— Four channels, 8-bit resolution
— 1
µs conversion time for 50 pF load
— Full output range from AGND to AVCC
■
Analog Comparators Monitor (ACM)
— Eight comparator inputs on KBD scan inputs
— 6-bit input measurement resolution
— Scan and Threshold modes
— Supports low-current system wake-up
■
Development Support Features
— Interface to debugger via JTAG pins
❏
ISE/ADB mode
❏
On-board Debug mode
— Flash programing via JTAG
■
CR16B Access to Host Controlled Functions
— Enabled when host inactive
Host Controlled Functions Features
■
Supports Microsoft® Advanced Power Management
(APM) Specifications Revision 1.2, February 1996
— Generates the System Management Interrupt (SMI)
■
PC1 and ACPI Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
❏
Relocatable base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com