Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 87Page - National Semiconductor (TI) PC87591E Datasheet HTML 88Page - National Semiconductor (TI) PC87591E Datasheet HTML 89Page - National Semiconductor (TI) PC87591E Datasheet HTML 90Page - National Semiconductor (TI) PC87591E Datasheet HTML 91Page - National Semiconductor (TI) PC87591E Datasheet HTML 92Page - National Semiconductor (TI) PC87591E Datasheet HTML 93Page - National Semiconductor (TI) PC87591E Datasheet HTML 94Page - National Semiconductor (TI) PC87591E Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
91
www.national.com
4.2.6
Operation Modes
The DMAC operates in three different block transfer modes - single transfer, double buffer and auto-initialize. Select the ap-
propriate mode according to the character of the block transfer.
Single Transfer Operation
This mode provides the simplest way to accomplish a single block data transfer.
Initialization
1. Write the two block transfer addresses and byte count into the corresponding ADCAn, ADCBn and BLTCn counters, re-
spectively. The BLTCn counter should be written last.
2. Program the OT bit for Non-Auto-Initialize mode, and clear EOVR bit in DMACNTLn register to 0. Clear to 0 VLD bit in
DMASTATn register.
3. Set CHEN bit in DMACNTLn register to 1; the channel activates and responds to DMAC transfer requests.
Termination
When the BLTCn counter reaches 0:
●
The transfer operation terminates.
●
TC bit in DMASTATn register is set to 1, and CHAC is cleared to 0.
●
A level interrupt is generated (if enabled by ETC bit in DMACNTLn register).
Double Buffer Operation
This mode allows the software to set up the next block transfer specification while the current block transfer proceeds. This
mode is used for preparing the next buffer for use in a multi-buffer operation (e.g., the alternate buffer in a double-buffer
scheme).
Initialization
1. Write the two block transfer addresses and byte count into the ADCAn, ADCBn and BLTCn counters, respectively. The
BLTCn counter should be written last.
2. Program OT bit in DMACNTLn register for Non-Auto-Initialize mode.
3. Set CHEN bit in DMACNTLn register to 1; the channel activates and responds to DMAC transfer requests.
4. While the current block transfer proceeds, write the addresses and byte count for the next block into the ADRAn, ADRBn
and BLTRn registers. The BLTRn register should be written last.
Continuation / Termination
When the BLTCn counter reaches 0:
●
TC bit in DMASTATn register is set to 1.
●
A level interrupt is generated (if enabled by ETC bit in DMACNTLn register).
●
The DMAC channel checks the value of VLD bit.
If VLD bit is 1:
●
The channel copies the ADRAn, ADRBn and BLTRn values into ADCAn, ADCBn and BLTCn. The BLTCn counter
should be written last.
●
Clears VLD bit to 0.
●
Becomes ready to start the next block transfer (on the next DMA request).
If VLD bit is 0:
●
The transfer operation terminates.
●
The channel sets OVR bit in DMASTATn register to 1.
●
Clears CHAC bit to 0.
●
A level interrupt is generated (if enabled by EOVR bit in DMACNTLn register).
Note:
ADCB and ADRBn are used only in indirect (memory-to-memory) transfer. In Direct (Fly-By) mode, the DMAC does not use
them and therefore does not copy ADRBn into ADCBn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com