Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 19Page - National Semiconductor (TI) PC87591E Datasheet HTML 20Page - National Semiconductor (TI) PC87591E Datasheet HTML 21Page - National Semiconductor (TI) PC87591E Datasheet HTML 22Page - National Semiconductor (TI) PC87591E Datasheet HTML 23Page - National Semiconductor (TI) PC87591E Datasheet HTML 24Page - National Semiconductor (TI) PC87591E Datasheet HTML 25Page - National Semiconductor (TI) PC87591E Datasheet HTML 26Page - National Semiconductor (TI) PC87591E Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 437 page
background image
Revision 1.07
23
www.national.com
1.0
Introduction
1.1
DOCUMENT ORGANIZATION
This document describes the PC87591x architecture and device specifications. It is organized as follows:
Chapter 1, Introduction, provides an overview of PC87591x modules, system connections, operating modes and configura-
tion.
Chapter 2, Signal/Pin Description and Configuration, lists the PC87591x pins and describes their functions and multiplex-
ing options.
Chapter 3, Power, Reset and Clocks, describes the PC87591x power supplies, clock scheme and reset sequence.
Chapter 4, Embedded Controller Modules, describes the modules that comprise the CompactRISC core peripherals.
Chapter 5, Host Controller Interface Modules, describes the modules and functions that interface core operation with the
host.
Chapter 6, Host-Controlled Modules and Host Interface, defines the configuration and control functions.
Chapter 7, Device Specifications, defines the AC, DC and analog characteristics of the PC87591x.
Appendix A, Summary of Registers, provides a composite listing of all relevant data on core domain registers and summa-
rizes the registers’ layouts.
Appendix B, This section includes directions for the software to handle some predetermined hardware interfaces and pro-
vides details of software-to-hardware interface conventions.
1.2
GENERAL DESCRIPTION
The PC87591x is a highly integrated, embedded controller with an embedded RISC core and system functions. Targeted
for a wide range of portable applications that use the Low Pin Count (LPC) interface, it also features a security system and
host BIOS firmware.
1.2.1
System Connections
Figure 1 shows the system connections of the PC87591x in a typical mobile PC application. The PC87591x requires little, if
any, system glue elements. For a typical application, the PC87591x includes all required memory and peripherals on-chip.
For more complex applications, it allows simple low-cost expansion, using its bus. Some of the features illustrated are mu-
tually exclusive, depending on pin functions.
The major elements of the PC87591x are:
●
Embedded Controller (EC) functions, which include: PS/2 devices, keyboard matrix, ACCESS.bus, timers, D/A and
A/D converters and GPIO pins that can be assigned to various functions, as needed. External memory and peripheral
devices may be added to extend the functionality of the on-chip resources.
●
Host Processor interface based on the LPC bus and additional signals for interrupts and system power management
●
Power Supplies for Host interface functions, EC and backup battery
●
Clocks, using a 32.768 KHz crystal and optional clock output
●
Strap inputs to initialize the PC87591x to different operation modes
In addition to the wide range of internal peripherals, the PC87591x provides hooks so that the system can be expanded in
an easy and cost-effective manner, as follows:
●
I/O expansion to support additional I/O port pins, using low-cost, standard 74HCxx devices or ASICs
●
On-chip memories may be expanded to interface with external RAM, flash or ROM devices (176-pin package only).
1.2.2
Power Management
The PC87591x has an advanced power management scheme controlled by the host and/or the PC87591x firmware. The
supported SuperI/O functions may be controlled directly by the host, using ACPI compliant schemes. The EC may also in-
terface with the host via one or two communication channels. Power Management events are available for ACPI-compliant
operation with the respective parts of the host chipset.
The PC87591x is designed to operate as the embedded controller of an ACPI-compliant system. It is equipped with various
system power monitor and control functions and advanced means to control its own power consumption and power modes.
ACPI-compliant wake-up and sleep control is integrated into the PC87591x. These functions are powered by VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com