Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 33Page - National Semiconductor (TI) PC87591E Datasheet HTML 34Page - National Semiconductor (TI) PC87591E Datasheet HTML 35Page - National Semiconductor (TI) PC87591E Datasheet HTML 36Page - National Semiconductor (TI) PC87591E Datasheet HTML 37Page - National Semiconductor (TI) PC87591E Datasheet HTML 38Page - National Semiconductor (TI) PC87591E Datasheet HTML 39Page - National Semiconductor (TI) PC87591E Datasheet HTML 40Page - National Semiconductor (TI) PC87591E Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 437 page
background image
1.0 Introduction (Continued)
Revision 1.07
37
www.national.com
External Memory Mapping into Shared BIOS Memory
When the shared BIOS memory is enabled using the SHBM strap input (SHBM=1) or the Shared Memory Configuration
Registers (LDN=10h), the Expansion Memory address range is mapped into the address range of the host. The PC87591x
uses the wrap-around effect of the core address space (on a 2 Mbyte boundary) using “growing down” addresses, which
enables the host to view the Expansion flash as a continuation of the BIOS Memory. See Section 5.3.2 on page 297 for de-
tails of the memory mapping scheme.
Accessing I/O Expansion Space
The I/O expansion protocol enables implementing I/O devices or GPIO ports in the system, in addition to those available on-
chip, for IRD, OBD and DEV environments. In addition, in DEV environment, some of the on-chip I/O port pins are used to
interface with off-chip peripherals. In such a case, the I/O expansion protocol is used to implement the functionality of these
I/O ports, using off-chip external logic. Access to these ports is through the same addresses used for the ports’ on-chip im-
plementation.
0
56 K
64 K
128 K
2 M
1 M
Core Address Map
Expansion Memory Address
Figure 8. Expansion Memory (Zone 0) Address Range - PC87591E and PC87591S
1 M
0
0
4K
64 K
2 M
1 M
Core Address Map
Expansion Memory Address
Figure 9. Expansion Memory (Zone 0) Address Range - PC87591L
0
1 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com