Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 27Page - National Semiconductor (TI) PC87591E Datasheet HTML 28Page - National Semiconductor (TI) PC87591E Datasheet HTML 29Page - National Semiconductor (TI) PC87591E Datasheet HTML 30Page - National Semiconductor (TI) PC87591E Datasheet HTML 31Page - National Semiconductor (TI) PC87591E Datasheet HTML 32Page - National Semiconductor (TI) PC87591E Datasheet HTML 33Page - National Semiconductor (TI) PC87591E Datasheet HTML 34Page - National Semiconductor (TI) PC87591E Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 437 page
background image
1.0 Introduction (Continued)
Revision 1.07
31
www.national.com
TCK
TMS
ENV0
ENV1
NC
VCC
R
1
TDI
TDO
TINT
or
Clock
32KX1/32KCLKIN
32KX2
LFRAME
LAD0-3
LDRQ
SERIRQ
PWUREQ
RD
WR0, WR1*
SEL0*
A19-8*
D15-8*
AD7-0
DA3-0
IOPA7-0
IOPB7-0
IOPC7-1
IOPD7-4,3-0
RESET(1-2)
RTC
Battery
VBAT
Crystal
32.768 KHz
AVCC
AGND
VDD, VCC
GND
Power
Supply
SCL1-2
D7-0
SMI
LPCPD
IOPH7-0
IOPE7-0
IOPF7-0
IOPI7-0
CLKRUN
LCLK
EXWINTn
PFAIL
RI1-2, RING
SHBM
I/O
Expansion
TA1-2
BADDR0-1
TRIS
IOPC0
SELIO
SDA1-2
TB1-2
SWIN
Analog/
System
Figure 3. OBD Environment PC87591x System Connection Diagram, 128-Pin and 176-Pin Packages
ADC
DAC
Functions
that use:
GPIO
Timers
Interrupts
Ring Wake-Up
On Control
Configuration
Inputs
(Power-Up)
Digital
32KOUT/CLKOUT/CLK
Diode
CPU/Remote
DP
DN
PWM7-0
On Switch
IOPJ7-2*
IOPK7-0*
URXD, UTXD, USCLK
USART I/F
A7-0
Key:
* = Available only in
176-pin package
JTAG I/F
Debugger
to
PC87591x
ACCESS.bus
External Keyboard
External Mouse
Auxiliary PS/2
Interface
Interface
Interface
ECSCI
KBRST
KBSOUT15-0
KBSIN7-0
Internal
Keyboard
Matrix
GA20
Expansion
Memory
SRAM or
Flash
(Optional
in ‘E’& ‘S’)
IOPL4-0*
IOPM7-0*
IOPJ1-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com