Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 62Page - National Semiconductor (TI) PC87591E Datasheet HTML 63Page - National Semiconductor (TI) PC87591E Datasheet HTML 64Page - National Semiconductor (TI) PC87591E Datasheet HTML 65Page - National Semiconductor (TI) PC87591E Datasheet HTML 66Page - National Semiconductor (TI) PC87591E Datasheet HTML 67Page - National Semiconductor (TI) PC87591E Datasheet HTML 68Page - National Semiconductor (TI) PC87591E Datasheet HTML 69Page - National Semiconductor (TI) PC87591E Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 437 page
background image
3.0 Power, Reset and Clocks (Continued)
www.national.com
66
Revision 1.07
In DEV environment, the PC87591x outputs to the BRKL_RSTO signal an indication that a reset occurred at the core
domain. See Section 4.20.3 on page 272 for the implementation and usage of RSTO.
The following sections detail the sources and effects of the various resets on the PC87591x, per reset type.
3.2.1
VPP Power-Up Reset
VPP is an internal power signal derived from VCC and VBAT.VPP Power-Up reset is generated by an internal circuit that de-
tects the status of the VPP power. VPP Power-Up reset signal is active from the rising of VPP until the VPP power is detected
as “good” (i.e., VPP is above VBATDTC). When active, this signal resets all registers whose values are retained by VPP.
For more details, see Section 6.2.9 on page 360.
3.2.2
VCC Power-Up Reset
VCC Power-Up reset is generated by an internal circuit. The PC87591x performs a VCC Power-Up reset when VCC power is
applied. This reset is completed tIRST after the internal clocks have stabilized (see Section 7.6.2 on page 384).
If the 32 KHz crystal is disabled before VCC power-up, external devices should wait at least t32KOSC before accessing the
PC87591x. Any host processor access during this time results in:
●
The host processor is stalled (by driving a “Long WAIT sync” response on the LPC bus) until after the reset process
is completed and the bus request can be performed.
●
If HRAPU bit in MSWCTL1 register is set (1), the host processor is reset by asserting KBRST until the internal reset
is completed.
On VCC Power-Up reset, the PC87591x responds as follows:
●
Enables the 32 KHz crystal, if it is disabled.
●
Resets the High-Frequency Clock Generator (HFCG) to its default frequency.
●
Loads default values to all registers whose values are retained by VCC.
●
Puts pins with strap options into TRI-STATE and enables the internal pull-downs on the strap pins.
●
Samples the values of the strap pins.
●
Resets the TAP controller of the Debugger Interface module.
●
Resets the MSWC, excluding those MSWC registers whose values are retained by VPP.
●
Resets Port PC0.
●
Carries out all the Warm reset actions (see below).
3.2.3
WATCHDOG Reset and Debugger Interface Reset
The PC87591x generates a WATCHDOG reset on request from the TWD module (i.e., a WATCHDOG signal is asserted).
It generates a Debugger Interface reset on request from the Debugger Interface module (reset command). During these re-
sets, the PC87591x performs the VCC Power-Up reset actions, with the following exceptions:
●
The PC87591x does not sample the value of any strap pin; instead, it maintains the configuration determined by the
strap pins at VCC Power-Up reset.
●
It does not reset the TAP controller.
●
On Debugger I/F, reset PC0 is not reset (it is reset on WATCHDOG reset).
●
It resets the HFCG to its default frequency.
●
Some MSWC registers do not reset on WATCHDOG or Debugger I/F reset.
The reset periods are identical to the VCC Power-Up reset period.
3.2.4
Warm Reset
Warm reset is activated on the falling edge of RESET1 input. If Warm reset and VCC Power-Up reset occur at the same time,
VCC power-up takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com