Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 74Page - National Semiconductor (TI) PC87591E Datasheet HTML 75Page - National Semiconductor (TI) PC87591E Datasheet HTML 76Page - National Semiconductor (TI) PC87591E Datasheet HTML 77Page - National Semiconductor (TI) PC87591E Datasheet HTML 78Page - National Semiconductor (TI) PC87591E Datasheet HTML 79Page - National Semiconductor (TI) PC87591E Datasheet HTML 80Page - National Semiconductor (TI) PC87591E Datasheet HTML 81Page - National Semiconductor (TI) PC87591E Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 437 page
background image
4.0 Embedded Controller Modules (Continued)
www.national.com
78
Revision 1.07
Other SZCFGn
configuration
HOLD field in SZCFGn reg. = 0
HOLD field in SZCFGn reg.
≠ 0
WAIT field in SZCFGn reg.
≠ 0
WAIT field in SZCFGn reg. = 0
Address placed on A0-19;
SELn: activated.
RD: active
Address on A0-19 invalid/changed;
SELn and RD: inactive.
RD: active;
End of T2: Data is sampled.
Internal waits corresponding to WAIT field in SZCFGn register.
TIW
TBW
T1
begin
Hold cycles completed
Thold
T2
T2B
end
{BW = 1 or BRE = 0
or core attempts to read a byte}
BW = 0; {WBR,BRE} = 11;
Core attempts to read a word
Next address on A0-19;
End of T2B: Data sampled.
Hold cycles according
to HOLD field in SZCFGn reg.
First Thold: SELn
and RD are deactivated
In SZCFGn reg.: {BW,WBR,BRE} = 001
Core attempts to read a word
Figure 20. Normal Read Bus Cycle
Note: References to SZCFGn also apply to the IOCFG register.
References to SELn also apply to the SELIO signal.
TBW and T2B states do not exist in bus cycles of the IO zone.
Internal waits completed
In SZCFGn reg.: HOLD
≠ 0
Next address
on A0-19
In SZCFGn reg.:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com