Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 209Page - National Semiconductor (TI) PC87591E Datasheet HTML 210Page - National Semiconductor (TI) PC87591E Datasheet HTML 211Page - National Semiconductor (TI) PC87591E Datasheet HTML 212Page - National Semiconductor (TI) PC87591E Datasheet HTML 213Page - National Semiconductor (TI) PC87591E Datasheet HTML 214Page - National Semiconductor (TI) PC87591E Datasheet HTML 215Page - National Semiconductor (TI) PC87591E Datasheet HTML 216Page - National Semiconductor (TI) PC87591E Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
213
www.national.com
ACM Control and Status Register (ACMCTS)
This register controls the operation and indicates the status of the ACM module. ACMCTS is cleared (0016) on reset.
Location: 00 FD4016
Type: Varies per bit
Bit
76543210
Name
Reserved
OVUNTHEV
EOCEV
EOMEV
START
Reset
00000000
Bit
Type
Description
0W
START (ACM Operation Start). Start trigger for the ACM operation in the mode selected by ACMMOD
field in ACMCNF register. If the new ACMMOD value differs from the value currently in use, all event
flags (EOMEV, EOCEV, OVUNTHEV) are cleared and operation in the new mode begins. Writing a 1 to
the START bit without modifying the ACMMODE value is ignored by the module.
0: No effect - (default)
1: Operation start trigger - automatically returns to 0 after start
1
R/W1C EOMEV (End-of-Measurement Event). End of voltage level measurement burst (for all eight inputs).
The bit is set only when the ACM is in Voltage Level Burst mode (ACMMOD = 012 in ACMCNF
register).
0: Measurement in progress, or not in Voltage Level Burst mode (default)
1: End of voltage level measurement burst
2
R/W1C EOCEV (End-of-Comparison Event). End of threshold comparison in Threshold Comparison Burst
mode (ACMMOD = 102 in ACMCNF register).
0: Comparison in progress, or not in Threshold Comparison Burst mode (default)
1: End of threshold comparison
3
R/W1C OVUNTHEV (Over/Under Threshold Event). At least one input is above (or below) the voltage
threshold value. The bit is set only when the ACM is in Low Power Threshold Comparison mode
(ACMMOD = 112 in ACMCNF register).
0: No input above (or below) the threshold, or not in Low Power Threshold Comparison mode (default)
1: One or more inputs above (or below) the threshold
7-4
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com