Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 214Page - National Semiconductor (TI) PC87591E Datasheet HTML 215Page - National Semiconductor (TI) PC87591E Datasheet HTML 216Page - National Semiconductor (TI) PC87591E Datasheet HTML 217Page - National Semiconductor (TI) PC87591E Datasheet HTML 218Page - National Semiconductor (TI) PC87591E Datasheet HTML 219Page - National Semiconductor (TI) PC87591E Datasheet HTML 220Page - National Semiconductor (TI) PC87591E Datasheet HTML 221Page - National Semiconductor (TI) PC87591E Datasheet HTML 222Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
218
Revision 1.07
4.15 ON-CHIP RAM
The PC87591x provides up to 4096-byte on-chip RAM array (2048-byte in PC87591E and PC87591L devices).
A 16-bit wide data bus links the core and the system RAM array. The system RAM can be byte or word accessed. Each
system RAM read or write operation is one cycle long and does not include any wait states. See Section 1.5.1 on page 33
for system RAM memory map.
4.16 ON-CHIP FLASH
The PC87591x has an on-chip flash memory device. This flash includes a Main Block, which serves as an on-chip Base
Memory, and an Information Block, which is used for device-specific parameters and user-defined data.
The Main Block (Base Memory) is used to store program and constant data of the core and/or host. In IRE and OBD envi-
ronments, the on-chip flash is used as (on-chip) Base Memory. In DEV environment, for easy and efficient code develop-
ment, the on-chip Base Memory is replaced by off-chip SRAM, which is referred to as off-chip Base Memory. See Section 1.4
on page 29 for more details about the memory emulation concept.
Note that in the PC87591L, the on-chip base memory is set to function as a ROM, with the associated limitations on write
and erase operations.
4.16.1 Features
●
Two flash memory blocks:
— Main Block (Base Memory)
— Information Block
●
Designated areas for:
— Core boot code
— Host boot code
— Factory Parameters
— Protection information
●
Supports flash operations:
— Read (byte/word)
— Write (byte/word)
— Erase (page)
●
Several access paths for flash operations:
— Core
— Host
— JTAG
— Parallel Interface
●
Flash contents protection:
— Different levels for each access path
— Different levels for each memory block
●
Flash Timing Control for:
— Command-based automatic control
— Busy and error indicators
●
Low Power operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com