Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 233Page - National Semiconductor (TI) PC87591E Datasheet HTML 234Page - National Semiconductor (TI) PC87591E Datasheet HTML 235Page - National Semiconductor (TI) PC87591E Datasheet HTML 236Page - National Semiconductor (TI) PC87591E Datasheet HTML 237Page - National Semiconductor (TI) PC87591E Datasheet HTML 238Page - National Semiconductor (TI) PC87591E Datasheet HTML 239Page - National Semiconductor (TI) PC87591E Datasheet HTML 240Page - National Semiconductor (TI) PC87591E Datasheet HTML 241Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
237
www.national.com
If the core was executing a WAIT instruction, it resumes operation by entering an interrupt routine (an enabled interrupt in
the ICU, NMI or ISE).
Exit from Power Off
When in Power Off, activity can be resumed only by switching to Active mode. This is done by applying VCC power to the
PC87591x. The Power-Up reset sequence described in “VCC Power-Up Reset” on page 66 should be applied.
Power Mode Switch Protection
The PMC module includes a mechanism that protects the PC87591x from malfunctions caused by missing or unstable clock
signals.
Clock Toggling Indication
OHFC and OLFC bits in PMCSR register indicate the current status of the high- and low-frequency clock inputs, respectively.
The current status is based on indications from the HFCG and LFCG modules.
The PMC does not use the high-frequency clock when the OHFC bit is 0; it does not use the low-frequency clock when OLFC is 0.
During reset, the PC87591x clock does not toggle until OHFC is 1. During power mode change, if there is a request to switch
to a non-stable or non-toggling clock, the power mode change stalls.
4.17.4 The Power Management Controller Status Register (PMCSR)
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
PMCSR is a byte-wide, read/write register that selects the Active or Idle modes. In addition, it controls the operation of the
HFCG by enabling or disabling the high-frequency core clock domain. On reset, all non-reserved bits are cleared. PMCSR
format is shown below.
Location: 00 FF8016
Type: R/W
Bit
76543210
Name
OLFC
OHFC
WBPSM
Reserved
IDLE
DHF
Reserved
Reset
00000000
Bit
Description
0
Reserved.
1
DHF (Disable High-Frequency Oscillator). When cleared (0), the HFCG is enabled. In Active mode, the
HFCG is enabled regardless of the DHF value.
If in Idle mode, DHF can be used to reduce power consumption. When DHF=1, the HFCG is disabled and the
high-frequency clock is not generated. In Power off mode, the HFCG is disabled regardless of the DHF value.
DHF is cleared by the hardware when a hardware wake-up event is detected.
2
IDLE. When set, the core domain enters Idle mode on the execution of a WAIT instruction. WBPSM must be
set before executing the WAIT instruction.
This bit can be set and cleared by software; it is cleared by hardware when a hardware wake-up event is detected.
4-3
Reserved.
5
WBPSM (Wait Before Entering Power Save Mode). When set, the switch from Active to Idle mode is done by
setting the IDLE bit and executing a WAIT instruction. In addition, if DHF is set, the high-frequency oscillator is
disabled only after the WAIT instruction is executed and Idle mode is entered.
6
OHFC (Oscillating High-Frequency Clock).
0: Indicates that the high-frequency clock received by the PMC is either disabled, not available or not producing
a stable clock. When OHFC is cleared, the PMC does not switch to Active mode.
1: Indicates that the high-frequency clock received by the PMC is available and producing a stable clock.
7
OLFC (Oscillating Low-Frequency Clock).
0: Indicates that the low-frequency clock received by the PMC is either disabled, not available or not producing a
stable clock. When the OLFC is cleared, the PMC does not switch from Active mode to Power Save or Idle
modes.
1: Indicates that the low-frequency clock received by the PMC is available and producing a stable clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com