Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 293 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 293 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 289Page - National Semiconductor (TI) PC87591E Datasheet HTML 290Page - National Semiconductor (TI) PC87591E Datasheet HTML 291Page - National Semiconductor (TI) PC87591E Datasheet HTML 292Page - National Semiconductor (TI) PC87591E Datasheet HTML 293Page - National Semiconductor (TI) PC87591E Datasheet HTML 294Page - National Semiconductor (TI) PC87591E Datasheet HTML 295Page - National Semiconductor (TI) PC87591E Datasheet HTML 296Page - National Semiconductor (TI) PC87591E Datasheet HTML 297Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
Revision 1.07
293
www.national.com
Host Interface PM n Data In Buffer (HIPMnDI)
The HIPMnDI register allows the core firmware to read the PM port DBBIN register while clearing the PM port IBF bit in the
Status register. If the core interrupt on IBF for the PM channel is enabled, reading from HIPMnDI de-asserts it (low).
Location: Channel 1 - 00 FEB016
Channel 2 - 00 FED216
Type: RO
Host Interface PM n Data In Buffer with SCI (HIPMnDIC)
The HIPMnDIC has the same function as the HIPMnDI register. In addition, it generates an SCI interrupt when IBF is cleared
and when hardware SCI generation is enabled.
Location: Channel 1 - 00 FEB616
Channel 2 - 00 FEC816
Type: RO
Bit
76543210
Name
PM Channel DBBIN Data
Bit
Description
7-0
PM Channel DBBIN Data.
Bit
76543210
Name
PM Channel DBBIN Data
Bit
Description
7-0
PM Channel DBBIN Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com