Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 315 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 315 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 311Page - National Semiconductor (TI) PC87591E Datasheet HTML 312Page - National Semiconductor (TI) PC87591E Datasheet HTML 313Page - National Semiconductor (TI) PC87591E Datasheet HTML 314Page - National Semiconductor (TI) PC87591E Datasheet HTML 315Page - National Semiconductor (TI) PC87591E Datasheet HTML 316Page - National Semiconductor (TI) PC87591E Datasheet HTML 317Page - National Semiconductor (TI) PC87591E Datasheet HTML 318Page - National Semiconductor (TI) PC87591E Datasheet HTML 319Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
315
www.national.com
Lock SuperI/O Host Access Register (LKSIOHA)
This register controls locking of host access to the Host-Controlled modules. All bits of this register, except bit 1, are cleared
on reset. The bit 1 reset value is defined by RTC Lock Default bit in “Protection Word” on page 226.
Location: 00 FCE416
Type: R/W
SuperI/O Access Lock Violation Register (SIOLV)
This register provides an error indication when a host lock violation occurs on Host-Controlled modules access.
Location: 00 FCE616
Type: R/W1C
Bit
76543210
Name
Reserved
LKRTCHA
LKCFG
Reset
000000
see text
0
Bit
15
14
13
12
11
10
9
8
Name
Reserved
Reset
00000000
Bit
Description
0
LKCFG (Lock Configuration Registers Host Access).
0: Host processor access to the Configuration registers is enabled
1: Host processor access to the Configuration registers is blocked
1
LKRTCHA (Lock Real-Time Clock (RTC) Host Access).
0: Host processor access to the RTC registers is enabled
1: Host processor access to the RTC registers is blocked
15-2
Reserved.
Bit
76543210
Name
Reserved
RTCLV
CFGLV
Reset
00000000
Bit
15
14
13
12
11
10
9
8
Name
Reserved
Reset
00000000
Bit
Description
0
CFGLV (Configuration Register Lock Violation). The bit is set (1) when the host processor attempts to access
the configuration registers while LKFDCHA bit in LKSIOHA register is set.
1
RTCLV (Real-Time Clock (RTC) Lock Violation). The bit is set (1) when the host processor attempts to access
the RTC while LKRTCHA bit in LKSIOHA register is set.
15-2
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com