Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 120Page - National Semiconductor (TI) PC87591E Datasheet HTML 121Page - National Semiconductor (TI) PC87591E Datasheet HTML 122Page - National Semiconductor (TI) PC87591E Datasheet HTML 123Page - National Semiconductor (TI) PC87591E Datasheet HTML 124Page - National Semiconductor (TI) PC87591E Datasheet HTML 125Page - National Semiconductor (TI) PC87591E Datasheet HTML 126Page - National Semiconductor (TI) PC87591E Datasheet HTML 127Page - National Semiconductor (TI) PC87591E Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
124
Revision 1.07
Power Modes
The PS/2 interface is active only when the PC87591x is in Active mode. The shift mechanism should be disabled before
entering Idle mode. In Idle mode, the state of output signals cannot be changed (i.e., the firmware cannot write to PSOSIG
register, and the shift mechanism does not function).
When the PC87591x needs to wake up on a Start bit detection by the MIWU, the PS/2 channels that may serve as wake-up
event sources must be enabled before entering Idle mode. To enable them, set to 1 their corresponding CLK bits in PSOSIG
register.
The MIWU module can be used to identify a start bit in Idle mode and to return the PC87591x to Active mode. The MIWU
receives PSCLK4-1 and PSDAT4-1 signals as inputs (see Table 17 on page 105). The MIWU should be programed to iden-
tify a falling edge on the clock or data lines of the enabled channels. In this configuration, a start bit causes the PC87591x
to switch from Idle mode to Active mode. Once Active mode is reached, the firmware should cancel the transaction just start-
ed and then enable re-transmission of the information by the device.
PS/2 Interface Operation
The PS/2 interface has two basic operating methods: with the shift mechanism disabled and with the shift mechanism en-
abled. The following sections describe how to use the PS/2 interface with each of these operating methods.
4.6.3
Operating With the Shift Mechanism Disabled
The shift mechanism is disabled when EN bit in PSCON register is cleared (0). In this state, the PS/2 clock and data signals
are controlled by the firmware, which performs the PS/2 protocol by manipulating the PS/2 clock and data signals.
Clock Signal Control
CLK4-1 bits in PSOSIG register control the value of the respective clock signals (PSCLK4-1). When one of these bits is
cleared (0), the relevant pin is held low. When set (1), the open-drain output is open and the respective clock signal is either
floating or held high by the pull-up. In this case, an external device can force the respective clock signal low.
When reading PSISIG register, bits RCLK4-1 indicate the current state of the corresponding clock signal.
Data Signal Control
WDAT4-1 bits in PSOSIG register control the value of the respective data signals (PSDAT4-1). When one of these bits is
cleared (0), the relevant data signal is held low. When set (1), the open-drain output is open and the respective data signal
is held high by the pull-up. In this case, an external device can force the respective data signal low.
When reading PSISIG register, bits RDAT4-1 indicate the current state of the corresponding data signal.
Interrupt Generation
When DSMIE bit in PSIEN register is set (1), the clock input signals are connected to the Interrupt Control Unit (ICU) for an
interrupt driven PS/2 protocol. The four interrupts that are generated are PSINT4-1 for channels 4-1, respectively.
The ICU should be programed to detect a falling edge on each of the clock signals. Disabling a channel by writing 0 to the
clock control signals (CLK4-1) may cause a falling edge on a clock signal. When such an interrupt is not desired, clear the
clock control bit (0); then clear the respective pending bit in the ICU (or in the MIWU, for PSINT4). This should be done while
interrupts are disabled. For more details about the ICU, see Section 4.3 on page 98.
EOT bit (PSTAT)
SOT bit (PSTAT)
PSCLK1
PSCLK3
PSCLK2
EOTIE bit (PSIEN)
SOTIE bit (PSIEN)
PSINT1
PSINT2
PSINT3
Figure 40. PS/2 Interface Interrupt Signals
PSCLK4
DSMIE bit (PSIEN)
PSINT4*
* Use PSCLK4 in the MIWU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com