Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
8
Serial transfer format
The serial transfer format consists of 8 address bits and 24 data bits (Fig. 1). Addresses D0H~D3H are used.
Start
t3
t4
t5
t6
t7
End
t1 t2
9 clock signal fall
t8
(*) (*)
00
10
1
1
LSB
MSB
8address bits
24 data bits
(24bit register)
PERIOD
CLOCK
DATA
MSB
LSB
Fig.1
• Serial data transfer
serial data are transferred in sync with the clock signal. In the idle state, the PERIOD, CLOCK and DATA pin
lines are all set to “H” level. When the period signal is at “L” level, the falling of the clock signal initiates serial
data transfer. Data transfer ceases when the period signal is set to “L” level when the clock signal is at “H” level.
Once serial data transfer has begun, however, no more than 8 falls of the clock signal can occur during the time
the period signal is at “L” level.
Since the receiving side receives the serial data as valid data when the clock signal rises, it is effective for the
sending side to produce output in sync with the clock signal fall.
To receive serial data from the output registers (D1H, D3H), set the serial data output to high impedance after
the 8 bit address is output but before the next clock signal falls.
Data reception subsequently continues until the period signal becomes “L” level; data transfer ends just before
the period signal rises. Therefore, the data pin must have an open-drain or tristate interface.
Note: 1. when power is turned on, some internal circuit have undefined states. To set internal circuit states,
execute a dummy data transfer before performing regular data transfer.
2. times t1~t8 have the following value:
t1
≥1.0µs
t2
≥1.0µs
t3
≥0.3µs
t4
≥0.3µs
t5
≥0.3µs
t6
≥1.0µs
t7
≥1.0µs
t8
≥0.3µs
3. Asterisks represent numbers taken from addresses, as in D*H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com