Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9256 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
3
ELECTRICAL CHARACTERISTICS (unless otherwise specified, Ta= -40~85°C, VDD=4.5~5.58V.)
Characteristic
Symbol
Test Condition/Pin
Min
Typ.
Max
Unit
Operating Power Supply Voltage
VDD1
PLL operation
(normal operating)
4.5
5.0
5.5
V
Operating Power Supply Current
IDD1
VDD=5.0V,
XT=10.8MHz,
FMIN=150MHz
--
7
15
mA
Stand-by mode
Crystal
Oscillation
Frequency
Supply Voltage
VDD2
PLL OFF
(Operating crystal
oscillation)
4.0
5.0
5.5
V
Operating Power Supply Current
IDD2
VDD=5.0V, XT =10.8MHz
PLL OFF
--
0.8
1.5
mA
Operating Power Supply Current
IDD3
VDD=5.0V, XT stop,
PLL OFF
--
120
240
µA
Operating frequency range
Crystal Oscillation Frequency
fXT
Connect crystal resonator
to XT- XT terminal
3.6
~
10.8
MHz
FMIN (FMH,FML)fFM
FMH, FML mode,
VIN=0.2Vp-p
30
~
130
MHz
FMIN (FML)fFML
FML mode, VIN=0.3Vp-p
30
~
150
MHz
AMIN (HF)
fHF
HF mode, VIN=0.2Vp-p
1
~
40
MHz
AMIN (LF)
fLF
LF mode, VIN=0.2Vp-p
0.5
~
20
MHz
IFIN1,IFIN2
fIF
VIN=0.2Vp-p
0.1
~
15
MHz
SCIN
fSC
VIH=0.7VDD,VIL=0.3VDD,
square wave input.
--
~
100
kHz
Operating input amplitude range
FMIN (FMH,FML)
VFM
FMH, FML mode,
fIN=30~130MHz
0.2
~
VDD-0.5
Vp-p
FMIN (FML)VFML
FML mode, fIN=30~150MHz
0.3
~
VDD-0.5
Vp-p
AMIN (HF)
VHF
HF mode, fIN=1~40MHz
0.2
~
VDD-0.5
Vp-p
AMIN (LF)
VLF
LF mode, fIN=0.5~20MHz
0.2
~
VDD-0.5
Vp-p
IFIN1,IFIN2
VIF
FIN=0.1~15MHz
0.2
~
VDD-0.5
Vp-p
OT1~OT4 N-ch open drain
Output Current
“L” level
IOL1
VOL=1.0V
5.0
10.0
--
mA
OFF-leak Current
IOEF
VOFF=12V
--
---
2.0
µA
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com