Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 16 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 16 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 20Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
16
(1) SC9256
LSB
MSB
Address D2H
IF1
"0"
IF2
"0"
M5
M6
M5, M6
PIN INPUT /OUTPUT STATE (When IF1 and IF2 are "0")
I/O -5, I/O -6
"L" Level
"H" Level
0
1
• Setting data for output ports
LSB
MSB
Address D2H
IF1
"0"
IF2
"0"
CLK
"0"
M5
"1"
O5, O6
PIN OUTPUT STATE (When IF1 and IF2 are "0")
I/O -5, I/O -6
"L"level
"H"level
0
1
O6
O5
M6
"1"
(2)OUTPUT register…data which are set in bits M5~M6 of the input register (D2H) can be read as serial data
M5~M6 from the output register (D3H).
LSB
MSB
Address D2H
LSB
MSB
Address D3H
Input register
Output register
XT --
-- M5 M6
00
0 M5 M6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com