Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 14 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 14 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 18Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
14
T1
START bit set to "1"
End
T2
PERIOD
IFIN1 OR
IFIN2
BUSY bit
Gate
Binary
counter
input
Clock pulse to be measured
Frequency measurement timing chart
0<T1
≤0.25(µs), 0<T2 ≤1(ms)
Note: 1. IFIN1 and IFIN2 input have built-in amps. Data are input by capacitor coupling. FMIN and AMIN operate at
low amplitude.
General-purpose I/O ports
These LSIs feature general-purpose output and I/O ports which are controlled through the serial ports.
Input/output form
port
Input/output configuration
Output port
Dedicated: 4 ports
N channel open-drain output
I/O ports
Dedicated: 1 port,
Maximum: 5 ports
CMOS input/output
1.
General-purpose output ports (OT-1~OT-4)
Pins OT-1~OT-4 are general-purpose dedicated output ports. They have such uses as control signal output.
They are configured for N channel open-drain output and have an off withstanding voltage of 12V.
The data set in bits O1~O4 of the input register (D2H) are output in parallel from their correspond dedicated
output port pins OT-1~OT-4. SC9256 do not have dedicated output port OT-4, but setting the input register
(D2H) CLK (O4C) bit to “1” converts pin DO2 into output port OT-4 (configured for CMOS output).
The data set in bits O1~O4 of the input register (D2H) can also be read from the DATA pins as output register
(D3H) serial data O1~O4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com