Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 18 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 18 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 22Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
18
R
S
DO
Low level
floating
High level
DO Output Timing Chart
Fig.8
DO
R1
R2
Tr1
Tr2
R3
RL
C
VCC
To VCO varactor diode
Typical low-pass filter constants
(FM band reference values)
C=0.33
­F
R1=10K
¡
R2=8.2K
¡
R3=330
¡
RL=10K
¡
Standard
Tr1:2SC1815
Tr2:2SK246
Typical Active Low-Pass Filter Circuit
Fig.9
The figures above show the DO output timing chart and a typical active low-pass filter circuit featuring a
Darlington connection between the FET and transistor.
The filter circuit shown above is just one example. Actual circuits should be designed based on the band
composition and the properties desired from the system.
Pin DO2 can be switched for use as pin OT-4.
Lock detection bits
The lock detection bits detect locked states in the PLL system. These systems have an unlock detection bit
(unlock bit) which is used to detect, using the reference frequency cycle, the phase difference between the
reference frequency and divided output of programmable counter. These systems also have phase error detection
bits ( bits PE1~PE3), which are capable of more precise detection (
±0.55µs~±7.15µs).
1.
Unlock detection bit (UNLOCK)
This bit detects, using the reference frequency cycle, the phase difference between the reference
frequency and the divided output of the programmable counter. When there is no lock, that is, when the
reference frequency and the divided output of the programmable counter are not the same, unlock F/F is set.
Unlock F/F is reset every time the input register (D2H) unlock reset bit (RESET) is set to “1”. After unlock
F/F has been reset in this way, locked state can detected by checking the unlock detection bit (UNLOCK) of
the output register (D3H). After unlock F/F has been reset, the unlock detection bit must be checked after a
time interval exceeding that of the reference frequency cycle has elapsed. This is because the reference
frequency cycle inputs the lock detection strobe to unlock F/F. If the time interval is short, the correct locked
state cannot be detected. Therefore, the output register (D3H) has a lock enable bit (ENABLE). This bit is
reset every time the input register (D2H) reset bit is set to “1”, and set to “1” through the lock detection timing.
That is, the locked state is correctly detected when the lock enable bit (ENABLE) is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com