Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 19 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 19 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 23Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
19
"H" level
High impedance
"L" level
Reference frequency
Programmable
counter output
DO output
Phase comparator
Lock detection strobe
Unlock is reset (RESET)
Unlock F/F (UNLOCK)
Lock enable (ENABLE)
Phase error detection
Counts phase difference.
Fig.10
LSB
MSB
Address D2H
LSB
MSB
Address D3H
Input register
Output register
ENA-
BLE
UN
LOCK
RESET
Setting data to "1" resets unlock detection bit and lock enable bit.
1
0
PLL lock detection enabled
PLL lock detection in waiting
state
1
0
PLLinunlocked state(*)
PLLinlocked state
Note: The asterisk (*) indicates an error state of over 180
° phase difference relative to the reference frequency
2. Phase error detection bits (PE1~PE3)
The unlock bit detects, using the reference frequency cycle, the phase difference between the reference
frequency and the divided output of the programmable counter. The phase error detection bits (bits PE1~PE3)
are capable of precise phase error detection of
±0.55µs~±7.15µs using the reference frequency cycle.( If the
UNLOCK bit is set to “1” and the phase difference relative to the reference frequency is over 180
°,bits
PE1~PE3 cannot correctly detect the phase error. Therefore, bits PE1~PE3 are normally used when the
UNLOCK bit is set to “0”.) Bits PE1~PE3 detect phase error normally when the phase difference is -180
°~180°
relative to the reference frequency cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com