Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 22 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 22 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 24Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
22
ELECTRICAL CHARACTERISTICS CURVE
1414
1000
500
200
106
71
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
20
10
50 100
AMIN(LF) Frequency Characteristics
INPUT FREQUENCY (MHz)
1414
1000
500
200
106
71
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
20
10
50 100
AMIN(HF) Frequency Characteristics
INPUT FREQUENCY (MHz)
40
1414
1000
500
200
106
71
50
20
10
5
2
1
020
FMIN(LF) Frequency Characteristics
INPUT FREQUENCY (MHz)
40
60
80 100 120 140 160 180 200
1414
1000
500
200
106
71
50
20
10
5
2
1
IFIN(LF) Frequency Characteristics
INPUT FREQUENCY (MHz)
0.05 0.1 0.2
0.5
1
2
5 10
50
15 20
(Note)
Operating Guarantee Range
VDD=4.5~5.5v,Ta = -40 ~ 85
k)
Standard Characteristics(VDD =5V,Ta =25
k)
(Note)
Operating Guarantee Range
(VDD=4.5~5.5v,Ta = -40 ~ 85
k)
+
FMIN:FMH
FMIN:FML
Standard Characteristics(VDD =5V,Ta =25
k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com