Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC9256 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
9
Crystal oscillator pins (XT, XT )
As fig.2 shows, the clock necessary for internal operation is produced by connecting a crystal oscillator between
capacitors. Use the crystal oscillator selection bit to select an oscillating frequency of 3.6MHz, 4.5MHz, 7.2MHz or
10.8MHz which matches that of the crystal oscillator used.
LSB
MSB
Address D0H
OSC1 OSC2
OSC1
OSC2
OSCILLATOR
FREQUENCY
00
0
1
01
11
3.6MHz
4.5MHz
7.2MHz
10.8MHz
Divider
XT
XT
C
C
X'tal
C=30pF Typ.
Fig.2
Note: set to 3.6MHz (OSC1=”0” and OSC2=”0”) when power is turned on. The crystal is not oscillating at this time
because the system is in standby mode.
Reference counter (Reference frequency divider)
The reference counter section consists of a crystal oscillator and a counter.
A crystal oscillator frequency of 3.6MHZ, 7.2MHZ or 10.8MHZ can be selected .A maximum of 15 reference
frequencies can be generated.
1. Setting reference frequency
The reference frequency is set using bits R0~R3.
LSB
MSB
Address D0H
R3
R2
R0
R1
R2
R3
000
0
00
0
1
010
0
110
0
001
0
101
0
011
0
111
0
REFERENCE
FREQUENCY
R0
R1
R2
R3
0
001
1
001
0
101
1
101
0
011
1
011
0
111
1
111
0.5 KHz
1KHz
2.5 KHz
3KHz
3.125 KHz
*3.90654 KHz
5KHz
6.25 KHz
*7.8125 KHz
REFERENCE
FREQUENCY
9KHz
10 KHz
12.5 KHz
25 KHz
50 KHz
100 KHz
Standby mode (*1)
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com