Electronic Components Datasheet Search
  English  ▼

X  

SC9256 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9256
Description  PLL FOR DTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9256 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9256 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9256 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Silan
Semiconductors
SC9256
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2002.01.30.
4
(Continued)
Characteristic
Symbol
Test Condition/Pin
Min
Typ.
Max
Unit
I/O-5~I/O-9, SCIN
“H” level
VIH1
0.7VDD
~VDD
Input Voltage
“L” level
VIL1
0
~
0.3VDD
V
“H” level
IIH
VIH=5V
--
--
2.0
Input Current
“L” level
IIL
VIL=0V
--
--
-2.0
µA
“H” level
IOH4
VOH=4.0V (expect SCIN)
-2.0
-4.0
--
Output Current
“L” level
IOL4
VOL=1.0V (expect SCIN)2.0
4.0
--
mA
PERIOD, CLOCK, DATA
“H” level
VIH2
0.8VDD
~VDD
Input Voltage
“L” level
VIL2
0
~
0.2VDD
V
“H” level
IIH
VIH=5V
--
--
2.0
Input Current
“L” level
IIL
VIL=0V
--
--
-2.0
µA
“H” level
IOH5
VOH=4.0V (DATA)
-1.0
-3.0
--
Output Current
“L” level
IOL5
VOL=1.0V (DATA)
1.0
3.0
--
mA
DO1, DO2
“H” level
IOH3
VOH=4.0V
-2.0
-4.0
--
Input Current
“L” level
IOL3
VOL=1.0V
2.0
4.0
--
mA
Tri-State Lead Current
ITL
VTLH=5V, VTLL=0V
--
--
±1.0
µA
XT
“H” level
IOH2
VOH=4.0V
-0.1
-0.3
--
Output Current
“L” level
IOL2
VOL=1.0V
0.1
0.3
--
mA
Input feedback resistance
“H” level
Rf1
FMIN, AMIN, IFIN
(Ta=25
°C)
350
700
1400
Input Feedback
Resistance
“L” level
Rf2
XT- XT (Ta=25°C)
500
1000
4000
k
Ω
PIN DESCRIPTION
Pin No.
Symbol
Pin name
Description
Circuit diagram
1XT
2
XT
Crystal oscillator
pins
Connects 3.6MHz, 4.5MHz, 7.2MHz
or 10.8MHz crystal oscillator to
supply reference frequency and
internal clock
XT
XT
VDD
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com