Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 33 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
33
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
φ output control bit
0 : Port function
1 :
φ clock output
φ output control register
(CKOUT : address 002B16)
b7
b0
Not used (return “0” when read)
φ CLOCK OUTPUT FUNCTION
The internal system clock
φ can be output from port P43 by setting
the
φ output control register. Set “1” to bit 3 of the port P4 direction
register when outputting
φ clock.
Fig. 33 Structure of
φ output control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com