Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 42 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 42 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
42
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Parameter
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P40–P47, P50–P57, P60–P67, P70,
P71, P80–P87
Input voltage
VL1
Input voltage
VL2
Input voltage
VL3
Input voltage
RESET, XIN
Output voltage P00–P07, P10–P17, P20–P27,
P30–P37
Output voltage COM0–COM3
Output voltage P40–P47, P50, P52–P57, P60–P67,
P70, P71, P80–P87
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
Symbol
VCC
VI
VI
VI
VI
VI
VO
VO
VO
VO
Pd
Topr
Tstg
ELECTRICAL CHARACTERISTICS
Table 11 Absolute maximum ratings
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC+0.3
–0.3 to VL2
VL1 to VL3
VL2 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VL3+0.3
–0.3 to VL3+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
300
–20 to 85
–40 to 125
Unit
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
All voltages are based on
Vss. Output transistors
are cut off.
At output port
At segment output
Ta = 25°C
Table 12 Recommended operating conditions (Vcc = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Power source voltage
High-speed mode f(XIN) = 8 MHz
Middle-speed mode f(XIN) = 8 MHz
Low-speed mode
Power source voltage
A-D converter reference voltage
Analog power source voltage
Analog input voltage AN0–AN7
“H” input voltage
P00–P07, P10–P17, P20–P27
“H” input voltage
P40–P47, P50–P57, P60–P67, P70, P71 (CM4 = 0)
“H” input voltage
P80–P87
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P00–P07, P10–P17, P20–P27
“L” input voltage
P40–P47, P50–P57, P60–P67, P70, P71 (CM4 = 0)
“L” input voltage
P80–P87
“L” input voltage
RESET
“L” input voltage
XIN
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
Limits
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Parameter
Min.
4.0
2.5
2.5
2.0
AVSS
0.7VCC
0.8VCC
0.4VCC
0.8VCC
0.8VCC
0
0
0
0
0
Typ.
5.0
5.0
5.0
0
0
Max.
5.5
5.5
5.5
VCC
VCC
VCC
VCC
VCC
VCC
VCC
0.3VCC
0.2VCC
0.16VCC
0.2VCC
0.2VCC
Symbol
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com