Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 57 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 57 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
57
38C3 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GZZ-SH52-98B<85A0>
740 FAMILY ROM PROGRAMMING CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M38C37ECMXXXFP
MITSUBISHI ELECTRIC
ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce ROM programming based on
this data. We shall assume the responsibility for errors only if the ROM programming data on the products we produce
differs from this data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
In the address space of the microcomputer,
the internal ROM area is from address 408016
to FFFD16. The reset vector is stored in
addresses FFFC16 and FFFD16.
(1) Set the data in the unused area (the shaded area of the
diagram) to “FF16”.
(2) The ASCII codes of the product name “M38C37ECM” must
be entered in addresses 000016 to 000816. And set data
“FF16” in addresses 000916 to 000F16. The ASCII codes
and addresses are listed to the right in hesadecimal
notation.
EPROM type (indicate the type used)
27512
000016
000F16
001016
407F16
408016
FFFD16
FFFE16
FFFF16
EPROM address
Product name
ASCII code :
‘M38C37ECM’
Data
ROM 48K-132 bytes
(1/2)
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘8’ = 3816
‘C’ = 4316
‘3’ = 3316
‘7’ = 3716
‘E’ = 4516
‘C’ = 4316
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘ M ’ =4D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com