Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
22
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Timer A underflow
interrupt request
Timer A (high-order) (8)
Timer A (low-order) (8)
Timer A (high-order) latch (8) Timer A (low-order) latch (8)
Timer A
operating
mode bits
Timer A write control bit
Data bus
XIN
1/1
1/2
1/4
Timer A count
source selection bit
1/8
Output selection bit
P50 latch
TAOUT active
edge switch bit
P50/TAOUT
P50
direction
register
S
“0”
“1”
Q
Q
D
Compare register (high-order) (8) Compare register (low-order) (8)
1/2
1/4
Noise filter sampling
clock selection bit
INT0
0
µs
External trigger delay
time selection bit
4/f(XIN)
TAOUT output
control bit 1
TAOUT output
control bit 2
“0”
“1”
“0”
“1”
“10”
R
Timer A start
signal
INT1
INT2
“00”
“01”
“10”
“11”
Internal trigger start
“00”, “01”, “11”
“10”
Match
“00”, “01”, “11”
Timer A operating
mode bits
TAOUT active
edge switch bit
S
“0”
“1”
Q
Q
T
S
Pulse output mode
IGBT output mode
PWM mode
8/f(XIN)
16/f(XIN)
Note: The initial value of M version becomes “1” (output).
(Note)
Noise filter
(4-time same levels judgement)
Fig. 19 Block diagram of timer A
Fig. 20 Structure of timer A related registers
b7
b0
Timer A control register
(TACON : address 003116)
Noise filter sampling clock selection bit
0 : f(XIN)/2
1 : f(XIN)/4
External trigger delay time selection bits
0 0 : No delay
0 1 : ( 4/f(XIN))
µs
1 0 : ( 8/f(XIN))
µs
1 1 : (16/f(XIN))
µs
Timer A output control bit 1 (P56)
0 : Not used
1 : INT1 interrupt used
Timer A output control bit 2 (P57)
0 : Not used
1 : INT2 interrupt used
Not used (returns “0” when read)
b7
b0
Timer A mode register
(TAM : address 003016)
Timer A operating mode bits
00 : Timer mode
01 : Pulse output mode
10 : IGBT output mode
11 : PWM mode
Timer A write control bit
0 : Write data to both timer latch and timer
1 : Write data to timer latch only
Timer A count source selection bits
0 0 : f(XIN)
0 1 : f(XIN)/2
1 0 : f(XIN)/4
1 1 : f(XIN)/8
Timer A output active edge switch bit
0 : Output starts with “L” level
1 : Output starts with “H” level
Timer A count stop bit
0 : Count operating
1 : Count stop
Timer A output selection bit (P50)
0 : I/O port
1 : Timer A output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com