Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 49 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 49 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
49
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Measurement output pin
100 pF
CMOS output
Measurement output pin
100 pF
N-channel open-drain output
1 k
Ω
Note: When bit 7 of the serial I/O control register 1 (address 0019 16) is “ 1.”
(N-channel open-drain output mode)
twH(SCLK)
twL(SCLK)
td(SCLK-SOUT)
tV(SCLK-SOUT)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
twH(SCLK)
twL(SCLK)
td(SCLK-SOUT)
tV(SCLK-SOUT)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Limits
Parameter
Min.
tc(SCLK)/2–30
tc(SCLK)/2–30
–30
Typ.
10
10
Max.
140
30
30
30
30
Symbol
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Notes 1: When the P-channel output disable bit (bit 7 of address 001916) is “0.”
2: The XOUT, XCOUT pins are excluded.
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
(Note 1)
Serial I/O output valid time
(Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time
(Note 2)
CMOS output falling time
(Note 2)
Table 20 Switching characteristics 1 (Vcc = 4.0 to 5.5 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
tC(SCLK)/2–50
tC(SCLK)/2–50
–30
Typ.
20
20
Max.
350
50
50
50
50
Symbol
Unit
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
(Note 1)
Serial I/O output valid time
(Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time
(Note 2)
CMOS output falling time
(Note 2)
Table 21 Switching characteristics 2 (Vcc = 2.5 to 4.0 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Notes 1: When the P-channel output disable bit (bit 7 of address 001916) is “0.”
2: The XOUT, XCOUT pins are excluded.
Fig. 45 Circuit for measuring output switching characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com