Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
24
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Data bus
XCIN
XIN
Serial I/O
interrupt request
P46 latch
P45 latch
Serial I/O port selection bit
P47 latch
Serial I/O counter (3)
Serial I/O shift register (8)
Synchronous
circuit
Internal
system clock
selection bit
Serial I/O port selection bit
“1”
“0”
SRDY output selection bit
External clock
Synchronous clock
selection bit
1/8
1/16
1/32
1/64
1/128
1/256
Internal synchronous
clock selection bits
P46/SCLK1
P45/SOUT
P44/SIN
SRDY
P47/SRDY
P40 latch
Serial I/O port selection bit
P40/SCLK2
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
SERIAL I/O
The 38C3 group has a built-in 8-bit clock synchronous serial I/O. The
I/O pins of serial I/O also operate as I/O port P4, and their function is
selected by the serial I/O control register 1 (address 001916).
Fig. 22 Block diagram of serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com