Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 43 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 43 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
43
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
“H” total peak output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
P80–P87, P50
“H” total peak output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“L” total peak output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
“L” total peak output current (Note 1)
P80–P87, P50
“L” total peak output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“H” total average output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
P80–P87, P50
“H” total average output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“L” total average output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
“L” total average output current (Note 1)
P80–P87, P50
“L” total average output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“H” peak output current (Note 2)
P00–P07, P10–P17, P20–P27, P30–P37
“H” peak output current (Note 2)
P40–P47, P50, P52–P57, P60–P67, P70, P71
P80–P87
“L” peak output current (Note 2)
P00–P07, P10–P17, P20–P27, P30–P37
“L” peak output current (Note 2)
P40–P47, P52–P57, P60–P67, P70, P71
“L” peak output current (Note 2)
P80–P87, P50
“H” average output current (Note 3)
P00–P07, P10–P17, P20–P27, P30–P37
“H” average output current (Note 3)
P40–P47, P50, P52–P57, P60–P67, P70, P71
P80–P87
“L” average output current (Note 3)
P00–P07, P10–P17, P20–P27, P30–P37
“L” average output current (Note 3)
P40–P47, P52–P57, P60–P67, P70, P71
“L” average output current (Note 3)
P80–P87, P50
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
IOL(avg)
Limits
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Parameter
Min.
Typ.
Max.
Symbol
Unit
–60
–30
40
80
40
–30
–15
20
40
20
–2.0
–10
5.0
10
30
–2.0
–5.0
2.5
5.0
15
Table 13 Recommended operating conditions (Vcc = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured over
100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is average value measured over 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com