Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 45 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 45 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
IOH = –2.0 mA
IOH = –0.6 mA
VCC = 2.5 V
IOH = –5 mA
IOH = –1.25 mA
IOH = –1.25 mA
VCC = 2.5 V
IOL = 2.5 mA
IOL = 1.25 mA
IOL = 1.25 mA
VCC = 2.5 V
IOL = 5.0 mA
IOL = 2.5 mA
IOL = 2.5 mA
VCC = 2.5 V
IOL = 15 mA
RESET:
VCC = 2.5 V – 5.5 V
VI = VCC
Pull-down “off”
VCC = 5.0 V, VI = VCC
Pull-down “on”
VCC = 3.0 V, VI = VCC
Pull-down “on”
VI = VCC
VI = VCC
VI = VCC
VI = VSS
Pull-up “off”
VCC = 5.0 V, VI = VSS
Pull-up “on”
VCC = 3.0 V, VI = VSS
Pull-up “on”
VI = VSS
VI = VSS
“H” output voltage
P00–P07, P10–P17, P20–P27,
P30–P37
“H” output voltage
P40–P47, P50, P52–P57,
P60–P67, P70, P71,
(Note)
P80–P87
“L” output voltage
P00–P07, P10–P17, P20–P27,
P30–P37
“L” output voltage
P40–P47, P52–P57, P60–P67,
P70, P71
(Note)
“L” output voltage
P80–P87, P50
Hysteresis
INT0–INT2, CNTR0, CNTR1, P80–P87
Hysteresis
SCLK1, SIN
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20–P27
“H” input current
P40–P47, P50–P57, P60–P67,
P70, P71, P80–P87
“H” input current
RESET
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27, P51
“L” input current
P40–P47, P50, P52–P57,
P60–P67, P70, P71, P80–P87
“L” input current
RESET
“L” input current
XIN
Limits
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
Parameter
Min.
VCC–2.0
VCC–1.0
VCC–2.0
VCC–0.5
VCC–1.0
30
6.0
–30
–6
Typ.
0.5
0.5
0.5
70
25
4.0
–70
–25
–4
Max.
2.0
0.5
1.0
2.0
0.5
1.0
2.0
5.0
140
45
5.0
5.0
–5.0
–5.0
–140
–45
–5
Symbol
Unit
Test conditions
VOH
VOH
VOL
VOL
VOL
VT+–VT-
VT+–VT-
VT+–VT-
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
Table 15 Electrical characteristics (Vcc = 4.0 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Note: When “1” is set to the port XC switch bit (bit 4 of address 003B16) of the CPU mode register, the drive ability of Port P70 is different from the value above
mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com