Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
18
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
V V
V V
V
V
V V
V
V V
V
V V
V
V V
V
V V
V
V V
V
Port P80
latch
Port P80
direction register = “0”
Port P81
latch
Port P81
direction register = “0”
Port P82
latch
Port P82
direction register = “0”
Port P83
latch
Port P83
direction register = “0”
Port P84
latch
Port P84
direction register = “1”
Port P85
latch
Port P85
direction register = “1”
Port P86
latch
Port P86
direction register = “1”
Port P87
latch
Port P87
direction register = “1”
P80 input
P81 input
P82 input
P83 input
P84 output
P85 output
P86 output
P87 output
PULL register A
Bit 5 = “1”
Port P8
Input reading circuit
Port PXx
“L” level output
V P-channel transistor for pull-up
V V CMOS output buffer
Key input interrupt request
Key Input Interrupt (Key-on Wake-Up)
A key input interrupt request is generated by applying “L” level to any
pin of port P8 that have been set to input mode. In other words, it is
generated when AND of input level goes from “1” to “0”. An example
of using a key input interrupt is shown in Figure 15, where an inter-
rupt request is generated by pressing one of the keys consisted as
an active-low key matrix which inputs to ports P80–P83.
Fig. 15 Connection example when using key input interrupt and port P8 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com