Electronic Components Datasheet Search
  English  ▼

X  

M38C37ECAFP Datasheet(PDF) 26 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 26 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
A-D CONVERTER
The 38C3 group has a 10-bit A-D converter. The A-D converter per-
forms successive approximation conversion.
[A-D Conversion Register (AD)] 003316, 003416
One of these registers is a high-order register, and the other is a low-
order register. The high-order 8 bits of a conversion result is stored in
the A-D conversion register (high-order) (address 003416), and the
low-order 2 bits of the same result are stored in bit 7 and bit 6 of the
A-D conversion register (low-order) (address 003316).
During A-D conversion, do not read these registers.
[A-D Control Register (ADCON)] 003216
This register controls A-D converter. Bits 2 to 0 are analog input pin
selection bits. Bit 4 is an AD conversion completion bit and “0” during
A-D conversion. This bit is set to “1” upon completion of A-D conver-
sion.
A-D conversion is started by setting “0” in this bit.
[Comparison Voltage Generator]
The comparison voltage generator divides the voltage between AVSS
and VREF, and outputs the divided voltages.
[Channel Selector]
The channel selector selects one of the input ports P67/AN7–P60/
AN0 and inputs it to the comparator.
[Comparator and Control Circuit]
The comparator and control circuit compares an analog input volt-
age with the comparison voltage and stores the result in the A-D
conversion register. When an A-D conversion is completed, the con-
trol circuit sets the AD conversion completion bit and the AD conver-
sion interrupt request bit to “1.”
Fig. 26 Block diagram of A-D converter
Note that the comparator is constructed linked to a capacitor, so set
f(XIN) to at least 500 kHz during A-D conversion. Use a CPU system
clock dividing the main clock XIN as the internal system clock.
Fig. 25 Structure of A-D control register
AD conversion result stored bits
A-D conversion register (high-order)
(ADH: address 003416)
b7
b0
Analog input pin selection bits
000: P60/AN0
001: P61/AN1
010: P62/AN2
011: P63/AN3
100: P64/AN4
101: P65/AN5
110: P66/AN6
111: P67/AN7
A-D control register
(ADCON: address 003216)
AD conversion completion bit
0: Conversion in progress
1: Conversion completed
Not used (returns “0” when read)
b7
b0
Not used (returns “0” when read)
AD conversion result stored bits
A-D conversion register (low-order)
(ADL: address 003316)
b7
b0
Not used (returns “0” when read)
Data bus
AVSS
A-D interrupt request
b7
b0
3
P60/AN0
P61/AN1
P62/AN2
P63/AN3
P64/AN4
P65/AN5
P66/AN6
P67/AN7
A-D control register
Comparator
A-D control circuit
A-D conversion register (H)
A-D conversion register (L)
(Address 0034 16)
(Address 0033 16)
Resistor ladder
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com