Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 45Page - Dialog Semiconductor DA7217 Datasheet HTML 46Page - Dialog Semiconductor DA7217 Datasheet HTML 47Page - Dialog Semiconductor DA7217 Datasheet HTML 48Page - Dialog Semiconductor DA7217 Datasheet HTML 49Page - Dialog Semiconductor DA7217 Datasheet HTML 50Page - Dialog Semiconductor DA7217 Datasheet HTML 51Page - Dialog Semiconductor DA7217 Datasheet HTML 52Page - Dialog Semiconductor DA7217 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
49 of 171
© 2016 Dialog Semiconductor
threshold above which the noise gate deactivates can be set in the same range using
dac_ng_off_threshold.
It is recommended to set dac_ng_off_threshold > dac_ng_on_threshold to provide some hysteresis.
The number of samples for which the DAC output signal must be below the on-threshold before the
noise gate is activated can be set to 256, 512, 1024 or 2048 using dac_ng_setup_time. The noise
gate is deactivated as soon as the signal level rises above the off threshold.
Prior to muting the output the gain is ramped down to minimum, and after un-muting the output the
gain is ramped back up to its original value. The ramp rates can be adjusted using
dac_ng_rampdn_rate and dac_ng_rampup_rate.
9.3.5.7
Digital Mixer
The DA7217 codec contains a flexible digital mixer. Any or all of the seven digital inputs (four input
filters, one tone generator, and two DAI inputs) can be routed to any or all of the six digital outputs
(Output Filter 1 and Output Filter 2, and four DAI outputs) with a programmable gain on each of the
42 possible paths.
The names of the registers that specify the data source, and the data output, take the form
‘<output target short name>_src’. Each of these 7-bit registers uses one of its bit positions to
select a signal source. These registers and the bit positions corresponding to each of the seven
possible signal source are listed in Table 39.
Example: Setting outdai_1l_src[2] = 1 selects source data from Input Filter 2L (determined by bit
position [2]) and passes it to Output DAI 1L.
The gain on each of the 42 signal paths (seven possible inputs to six possible outputs) are
independently controllable using registers whose names take the form
‘<output target short name>_<input source short name>_gain’. These register fields are listed
in Table 40. Every register field uses the same set of settings to provide a gain range of -42 dB to
4.5 dB in -1.5 dB steps. The full set of possible gain settings for each register is listed in Table 41.
Example: Setting outdai_1l_infilt_2r_gain = 01001 provides -28.5 dB gain on the signal path Input
Filter 2L to Output DAI 1L.
See Figure 23.for the input-to-output paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com