Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 12Page - Dialog Semiconductor DA7217 Datasheet HTML 13Page - Dialog Semiconductor DA7217 Datasheet HTML 14Page - Dialog Semiconductor DA7217 Datasheet HTML 15Page - Dialog Semiconductor DA7217 Datasheet HTML 16Page - Dialog Semiconductor DA7217 Datasheet HTML 17Page - Dialog Semiconductor DA7217 Datasheet HTML 18Page - Dialog Semiconductor DA7217 Datasheet HTML 19Page - Dialog Semiconductor DA7217 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
16 of 171
© 2016 Dialog Semiconductor
7
Electrical Characteristics
Unless otherwise stated, test conditions are as follows: VDD = VDD_IO = 1.8 V, VDDMIC = 3.3 V,
VDDDIG = 1.05 V, Ta = 25 °C, MCLK = 12.288 MHz, SR = 48 kHz, PLL = Bypass mode, Slave mode.
Table 5: Power Consumption
Description
Conditions (Note 1)
Min
Typ
Max
Unit
Powerdown mode
2.5
7
µA
Digital playback to headphone, no
load
DACL/R to HP_L/R, quiescent
4
mW
Digital playback to headphone, with
load
DACL/R to HP_L/R, 32
Ω load,
0.1 mW at 0 dBFS
7.7
mW
Microphone stereo record
MICL/R to ADCL/R
2.5
mW
Microphone stereo record and
digital playback to Headphone, no
load
MICL/R to ADCL/R and
DACL/R to HP_L/R, quiescent
5.5
mW
Microphone stereo record and
digital playback to headphone, with
load
MICL/R to ADCL/R and
DACL/R to HP_L/R, 32
Ω load,
0.1 mW at 0 dBFS
8.8
mW
Note 1
VDD = VDD_IO = VDD_MIC = 1.8 V
Table 6: Electrical Characteristics: Microphone Bias
Description
Condition
Min
Typ
Max
Unit
Programmable output voltage
No load, VDD_MIC >
VMICBIAS + 200 mV
1.6
3.0
V
Output voltage step
200
mV
Output current
Output voltage droop < 50 mV
2
mA
Power supply rejection ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
70
50
dB
Output voltage noise
VMICBIAS ≤ 2.2 V
5
µVRMS
Table 7: Electrical Characteristics: Microphone Amplifier
Description
Condition
Min
Typ
Max
Unit
Full-scale input signal
0 dB gain, single-ended
0.8 * VDD
VPP
0 dB gain, differential
1.6 * VDD
Input resistance
12
15
18
kΩ
Programmable gain
−6
36
dB
Gain step size
6
dB
Absolute gain accuracy
0 dB @ 1 kHz
-1.0
1.0
dB
Gain step error
20 Hz to 20 kHz
-0.1
0.1
dB
Input noise level
Inputs connected to GND,
24 dB gain, input-referred,
A-weighted
5
µVRMS
Amplitude ripple
20 Hz to 20 kHz
-0.5
0.5
dB
Power supply rejection ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
90
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com