Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 25Page - Dialog Semiconductor DA7217 Datasheet HTML 26Page - Dialog Semiconductor DA7217 Datasheet HTML 27Page - Dialog Semiconductor DA7217 Datasheet HTML 28Page - Dialog Semiconductor DA7217 Datasheet HTML 29Page - Dialog Semiconductor DA7217 Datasheet HTML 30Page - Dialog Semiconductor DA7217 Datasheet HTML 31Page - Dialog Semiconductor DA7217 Datasheet HTML 32Page - Dialog Semiconductor DA7217 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
29 of 171
© 2016 Dialog Semiconductor
The second DMIC input is controlled in the same way using DMIC_2_CTRL.
Table 27: Digital Microphone Control Bits
Function
Register Bits
Bit Setting
0
1
Digital microphone enable/disable
dmic_1r_en
dmic_1l_en
dmic_2l_en
dmic_2r_en
DMIC is disabled
DMIC is enabled
Digital microphone clock rate
dmic_l_clk_rate
dmic_2_clk_rate
3 MHz
1.5 MHz
Digital microphone sample phase
dmic_1_samplephase
dmic_2_samplephase
Data sampled on
the clock edges
Data sampled
between the clock
edges
Digital microphone left/right data
selection
dmic_1_data_sel
dmic_2_data_sel
Rising edge = left
Falling edge = right
Rising edge = right
Falling edge = left
9.2.1.4
Input Amplifiers
The two input amplifiers provide an additional gain stage between the microphone amplifiers (see
section 9.2.1.2 and Figure 7) and the ADC inputs. The input amplifier (MIXIN_1_CTRL) is enabled by
setting mixin_1_amp_en = 1.
The gain can be set in the range of
–4.5 dB to +18 dB in 1.5 dB steps using MIXIN_1_GAIN. It is
recommended that gain updates be ramped through all intermediate values by setting
mixin_1_amp_ramp_en = 1. This ramp setting overrides the settings of mixin_1_amp_zc_en.
As an alternative to zero-cross synchronization, gain updates can be synchronized with signal zero-
crossings by setting mixin_1_amp_zc_en = 1. If no zero-crossing is detected within the timeout
period of approximately 100 ms, the update is applied unconditionally.
The amplifier can be muted using mixin_1_amp_mute_en.The single input to the first amplifier can
be deselected by setting mixin_1_mix_sel = 0.
The second input amplifier (MIXIN_2_CTRL) is controlled in the same manner as MIXIN_1_CTRL.
Table 28: MIXIN_1_GAIN and MIXIN_2_GAIN Gain Settings
mixin_1_amp_gain
mixin_2_amp_gain
Amplifier Gain (dB)
0000
-4.5
0001
-3.0
0010
-1.5
0011
0.0
0100
1.5
0101
3.0
0110
4.5
0111
6.0
1000
7.5
1001
9.0
1010
10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com