Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 32Page - Dialog Semiconductor DA7217 Datasheet HTML 33Page - Dialog Semiconductor DA7217 Datasheet HTML 34Page - Dialog Semiconductor DA7217 Datasheet HTML 35Page - Dialog Semiconductor DA7217 Datasheet HTML 36Page - Dialog Semiconductor DA7217 Datasheet HTML 37Page - Dialog Semiconductor DA7217 Datasheet HTML 38Page - Dialog Semiconductor DA7217 Datasheet HTML 39Page - Dialog Semiconductor DA7217 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
36 of 171
© 2016 Dialog Semiconductor
Similarly the minimum and maximum levels of analog gain are controlled by alc_ana_gain_min and
alc_ana_gain_max. The rates at which the gain is changed are defined by the attack and decay rates
in register ALC_CTRL2. When attacking, the gain decreases with alc_attack rate. When decaying,
the gain increases with alc_release rate.
Hybrid mode should be used whenever analog microphones are being used. Digital-Only mode
should be used whenever digital microphones are being used.
The hold-time is defined by alc_hold in the ALC_CTRL3 register. This controls the length of time that
the system maintains the current gain level before starting to decay. This prevents unwanted
changes in the recording level when there is a short-
lived ‘spike’ in input volume, for example when
recording speech.
Typically the attack rate should be much faster than the decay rate. To avoid clipping it is necessary
to reduce rapidly increasing waveforms as quickly as possible, whereas fast release times will result
in the signal appearing to ‘pump’. The ALC also has an anti-clip function that applies a very fast
attack rate when the input signal is close to full-scale. This prevents clipping of the signal by reducing
the signal gain at a faster rate than would normally be applied. The anti-clip function is enabled using
alc_anticlip_en, and the trigger threshold is set in the range 0.034 dB/FS to 0.272 dB/FS using
alc_anticlip_step.
A recording noise-gate feature is provided to avoid increasing the gain of the channel when there is
no signal, or when only a noise signal is present. Boosting a signal on which only noise is present is
known as ‘noise pumping’, the noise-gate prevents this. Whenever the level of the input signal drops
below the noise threshold configured in alc_noise, the channel gain remains constant.
Figure 12: Attack, Delay and Hold Parameters
9.3.1.4
Input Dynamic Range Extension
When using analog microphones, the input dynamic range extension (DRE) automatically swaps the
analog and digital gains to maximize the dynamic range at all times.
max
min
atk
dcy
hld
input signal
gain level
atk rate
dcy rate
time
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com