Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 14Page - Dialog Semiconductor DA7217 Datasheet HTML 15Page - Dialog Semiconductor DA7217 Datasheet HTML 16Page - Dialog Semiconductor DA7217 Datasheet HTML 17Page - Dialog Semiconductor DA7217 Datasheet HTML 18Page - Dialog Semiconductor DA7217 Datasheet HTML 19Page - Dialog Semiconductor DA7217 Datasheet HTML 20Page - Dialog Semiconductor DA7217 Datasheet HTML 21Page - Dialog Semiconductor DA7217 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
18 of 171
© 2016 Dialog Semiconductor
Description
Condition
Min
Typ
Max
Unit
VDD = 2.5 V, THD < 0.005 %,
RLOAD = 32 Ω, 1 kHz
58
Maximum output power per channel
(single supply mode)
VDD = 1.8 V, THD < 0.1 %,
RLOAD = 32 Ω, 1 kHz
19
VDD = 2.5 V, THD < 0.1 %,
RLOAD = 32 Ω, 1 kHz
49
Quiescent current per channel
150
µA
Load resistance
26
32
Ω
Load capacitance
500
pF
Load inductance
400
µH
Frequency Response
20 Hz to 20 kHz
-0.5
+0.5
dB
Signal to noise ratio
VDD = 1.8 V, 0 dB gain
A-weighted
98
dB
VDD = 2.5 V, 0 dB gain
A-weighted
100
dB
Output noise level
20 Hz to 20 kHz, <20 dB gain
2.5
µVRMS
Total harmonic distortion plus noise
VDD = 1.8 V, RLOAD = 32 Ω, -
5 dBFS, 1 kHz
−88
dB
Channel separation [3]
VDD = 1.8V, RLOAD = 32 Ω,
1 kHz
-110
dB
Programmable gain
−57
6
dB
Gain step size
1.5
dB
Absolute gain accuracy
0 dB @ 1 kHz
−0.8
0.8
dB
Left/right gain mismatch
20 Hz to 20 kHz
−0.1
0.1
dB
Gain step error
20 Hz to 20 kHz
−0.1
0.1
dB
Amplitude ripple
20 Hz to 20 kHz
−0.5
0.5
dB
Mute attenuation [2]
−70
dB
Power supply rejection ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
70
50
dB
Crosstalk
2 kHz to 20 kHz
100
dB
Table 12: Electrical Characteristics: Output Amplifier
Description
Condition
Min
Typ
Max
Unit
Full-scale input signal
0 dBFS output from the DAC
1.6 * VDD
VPP
Programmable gain
−1.0
0
dB
Gain step size
0.5
dB
Absolute gain accuracy
0 dB @ 1 kHz
-1.0
1.0
dB
Amplitude ripple
20 Hz to 20 kHz
-0.5
0.5
dB
Power supply rejection ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
90
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com