Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 83 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 83 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 79Page - Dialog Semiconductor DA7217 Datasheet HTML 80Page - Dialog Semiconductor DA7217 Datasheet HTML 81Page - Dialog Semiconductor DA7217 Datasheet HTML 82Page - Dialog Semiconductor DA7217 Datasheet HTML 83Page - Dialog Semiconductor DA7217 Datasheet HTML 84Page - Dialog Semiconductor DA7217 Datasheet HTML 85Page - Dialog Semiconductor DA7217 Datasheet HTML 86Page - Dialog Semiconductor DA7217 Datasheet HTML 87Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
83 of 171
© 2016 Dialog Semiconductor
Table 86: SYSTEM_ACTIVE (Page 0: 0x00000000)
Bit
Mode
Symbol
Description
Reset
0
R/W
system_active
System Standby Mode control
0 = Standby Mode
1 = Acitve Mode
0x0
Table 87: CIF_CTRL (Page 0: 0x00000001)
Bit
Mode
Symbol
Description
Reset
0
R/W
cif_i2c_write_mode
2-wire interface write mode
0 = Page mode. The register address is
automatically incremented after the first write.
1 = Repeat mode. The register address and data
are sent for each write.
0x0
Table 85: Register map common_cor_00 page 0
Address
Name
#
7
6
5
4
3
2
1
0
Register Page 0
0x00000004
CHIP_ID1
chip_id1
0x00000005
CHIP_ID2
chip_id2
0x00000006
CHIP_REVISI
ON
chip_major
chip_minor
0x00000009
SOFT_RESET
cif_reg_soft_r
eset
Reserved
0x0000000B
SR
sr_dac
sr_adc
0x0000000C
PC_COUNT
Reserved
pc_resync_a
uto
pc_freerun
0x0000000D
GAIN_RAMP_
CTRL
Reserved
gain_ramp_rate
0x00000010
CIF_TIMEOUT
_CTRL
Reserved
i2c_timeout_
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com