Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 41Page - Dialog Semiconductor DA7217 Datasheet HTML 42Page - Dialog Semiconductor DA7217 Datasheet HTML 43Page - Dialog Semiconductor DA7217 Datasheet HTML 44Page - Dialog Semiconductor DA7217 Datasheet HTML 45Page - Dialog Semiconductor DA7217 Datasheet HTML 46Page - Dialog Semiconductor DA7217 Datasheet HTML 47Page - Dialog Semiconductor DA7217 Datasheet HTML 48Page - Dialog Semiconductor DA7217 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
45 of 171
© 2016 Dialog Semiconductor
Figure 19: Equalizer Filter Band 4 Frequency Response at FS = 48 kHz
Figure 20: Equalizer Filter Band 5 Frequency Response at FS = 48 kHz
9.3.5.4
5-Stage Biquad Filter
The stereo 5-stage biquad filter can be used to provide more flexible filtering of the output signal than
can be achieved using the 5-band equalizer. The biquad filters can be used for the implementation of
low-pass, high-pass or notch filters.
The 5-band EQ and the 5-band biquad filter can be used at the same time for greater filtering control.
The biquad filter is enabled using out_1_biq_5stage_filter_en and can be muted using
out_1_biq_5stage_mute_en.
The biquad filter on each channel can be selected independently using out_1l_biq_5stage_sel and
out_1r_biq_5stage_sel in the OUT_1L_FILTER_CTRL and OUT_1R_FILTER_CTRL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com