Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 28Page - Dialog Semiconductor DA7217 Datasheet HTML 29Page - Dialog Semiconductor DA7217 Datasheet HTML 30Page - Dialog Semiconductor DA7217 Datasheet HTML 31Page - Dialog Semiconductor DA7217 Datasheet HTML 32Page - Dialog Semiconductor DA7217 Datasheet HTML 33Page - Dialog Semiconductor DA7217 Datasheet HTML 34Page - Dialog Semiconductor DA7217 Datasheet HTML 35Page - Dialog Semiconductor DA7217 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
32 of 171
© 2016 Dialog Semiconductor
9.3.1
Input Processing
9.3.1.1
Input Filters
CIC
CIC
IN_1L_FILTER
IN_1R_ FILTER
CIC
CIC
IN_2L_FILTER
IN_2R_ FILTER
ADC 1/
DMIC 1L
DMIC 1R
DMIC 2R
ADC 2/
DMIC 2L
IN 1L
IN 1R
IN 2L
IN 2R
Figure 10: Input Filters Block Diagram
There are two stereo pairs of input filters (IN_1L_FILTER_CTRL and IN_1R_FILTER_CTRL, and
IN_2L_FILTER_CTRL and IN_2R_FILTER_CTRL) that can be used to process signals from either
the two mono ADCs, or from the two stereo digital microphone inputs. The input (ADC or DMIC) to
the input filters is selected using dmic_1l_en (or dmic_1r_en) and dmic_2l_en (or dmic_2r_en).
If an ADC input is selected, the analog part of the ADC is enabled whenever the DMIC has not been
enabled and the connected input filter has been enabled using one of the filter enabling bits
(in_1l_filter_en, in_1r_filter_en, in_2l_filter_en, and in_2r_filter_en).
Left and right channels of the two input filters can be controlled independently. The left channel of the
first input filter is enabled using in_1l_filter_en. It is muted using in_1l_mute_en and gain-ramping is
enabled using in_1l_ramp_en. The gain can be set in the range of
–83.25 dB to +12 dB in +0.75 dB
steps using in_1l_digital_gain.
The right channel and the second input filter channels are all controlled in the same way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com