Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 9Page - Dialog Semiconductor DA7217 Datasheet HTML 10Page - Dialog Semiconductor DA7217 Datasheet HTML 11Page - Dialog Semiconductor DA7217 Datasheet HTML 12Page - Dialog Semiconductor DA7217 Datasheet HTML 13Page - Dialog Semiconductor DA7217 Datasheet HTML 14Page - Dialog Semiconductor DA7217 Datasheet HTML 15Page - Dialog Semiconductor DA7217 Datasheet HTML 16Page - Dialog Semiconductor DA7217 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
13 of 171
© 2016 Dialog Semiconductor
4.4.4
HPR_N
HPR_N is the negative right-channel headphone output for a headphone speaker connected
between HPR_P and HPR_N.
4.5
Charge Pump Pins
4.5.1
HPCSP
HPCSP is the positive output from the headphone charge pump. This pin should be connected to
ground via a reservoir capacitor.
4.5.2
HPCSN
HPCSN is the negative output from the headphone charge pump. If using the charge pump, this pin
must be connected to ground via a reservoir capacitor. If the charge pump is not being used, then
this pin should be tied directly to ground.
4.5.3
HPCFP
HPCFP is one of the flying capacitor connections required by the headphone charge pump. If the
charge pump is in use it must be connected to HPCFN via a capacitor. If the charge pump is not
being used, then this pin can be left floating.
4.5.4
HPCFN
HPCFP is one of the flying capacitor connections required by the headphone charge pump. If the
charge pump is in use it must be connected to HPCFP via a capacitor. If the charge pump is not
being used, then this pin can be left floating.
4.6
References
4.6.1
VMID
VMID is mid-rail reference decoupling capacitor connection.
4.6.2
DACREF
DACREF is the DAC reference decoupling capacitor connection.
4.6.3
VREF
VREF is the bandgap reference decoupling capacitor connection.
4.6.4
MICBIAS1
MICBIAS1 is the first of two MICBIAS outputs. This must be decoupled with a 1 µF capacitor
4.6.5
MICBIAS2
MICBIAS2 is the second of two MICBIAS outputs. This must be decoupled with a 1 µF capacitor.
4.6.6
VDDDIG
VDDDIG is the internal digital supply rail decoupling pin and is used to monitor the LDO output. This
must be decoupled with a 1 µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com