Electronic Components Datasheet Search
  English  ▼

X  

DA7217 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7217 Datasheet HTML 17Page - Dialog Semiconductor DA7217 Datasheet HTML 18Page - Dialog Semiconductor DA7217 Datasheet HTML 19Page - Dialog Semiconductor DA7217 Datasheet HTML 20Page - Dialog Semiconductor DA7217 Datasheet HTML 21Page - Dialog Semiconductor DA7217 Datasheet HTML 22Page - Dialog Semiconductor DA7217 Datasheet HTML 23Page - Dialog Semiconductor DA7217 Datasheet HTML 24Page - Dialog Semiconductor DA7217 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
21 of 171
© 2016 Dialog Semiconductor
Table 17: High-Pass Filter Settings (ADC in Low-Power Mode)
SR Sample Rate (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
0
00
0.33
0.46
0.5
0.67
0.92
1
32 kHz
sample
rate not
available
in Low-
Power
mode
1.84
2
88.2 kHz
and 96 kHz
sample
rates not
available in
Low-Power
mode
01
0.67
0.92
1
1.33
1.84
2
3.68
4
10
1.33
1.84
2
2.67
3.68
4
7.35
8
11
2.67
3.68
4
5.33
7.35
8
14.7
16
1
000
2.5
In low-power mode, the voice HPF is only available at a sample rate of 8 kHz
001
25
010
50
011
100
100
150
101
200
110
300
111
400
Table 18: Electrical Characteristics: 5-Band Equalizer
FS (kHz)
Center Frequency (Hz) At Programmed Setting
Band 1
Band 2
Band 3
Band 4
Band 5
8
0
99
493
1528
4000
11.025
0
136
680
2106
5512
12
0
148
740
2293
6000
16
0
96
440
2128
8000
22.05
0
133
607
2933
11025
24
0
145
660
3191
12000
32
0
95
418
1797
16000
44.1
0
131
576
2386
22050
48
0
143
627
2596
24000
88.2
Not available
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com