Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 4 Page - Texas Instruments

  TPS650941 Datasheet HTML 1Page - Texas Instruments TPS650941 Datasheet HTML 2Page - Texas Instruments TPS650941 Datasheet HTML 3Page - Texas Instruments TPS650941 Datasheet HTML 4Page - Texas Instruments TPS650941 Datasheet HTML 5Page - Texas Instruments TPS650941 Datasheet HTML 6Page - Texas Instruments TPS650941 Datasheet HTML 7Page - Texas Instruments TPS650941 Datasheet HTML 8Page - Texas Instruments TPS650941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
4
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Revision History
Copyright © 2015–2016, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from September 11, 2015 to June 2, 2016 (from * Revision (September 2015) to A Revision)
Page
•
Released full data sheet
............................................................................................................ 1
•
Changed device status to PROD_DATA
.......................................................................................... 1
•
Changed VIN recommended minimum ............................................................................................. 1
•
Changed Features to improve description of converters
....................................................................... 1
•
Changed Features to up to 400 mA of output current for load switches
...................................................... 1
•
Changed Description for broader scope
.......................................................................................... 1
•
Changed the Functional Block Diagram to include an inverter on PROCHOT pin
........................................... 2
•
Changed functional block diagram to include TPS65094x family
............................................................. 2
•
Changed PROCHOTB to PROCHOT throughout the document
............................................................... 6
•
Changed minimum absolute-maximum-rating value for SW1, SW2, and SW6 in Section 5.1
............................ 10
•
Changed VSYS in Section 5.3, Recommended Operating Conditions
...................................................... 11
•
Deleted nominal value from PVINVTT in Section 5.3, Recommended Operating Conditions
........................... 11
•
Deleted (nu = symbol for efficiency)
............................................................................................. 13
•
Changed BUCK1 DC output voltage step size to show full range and be consistent in Section 5.7
.................... 13
•
Changed typo to match correct default of 1 V for
ΔVOUT_TR in Section 5.7 ................................................. 13
•
Changed BUCK2 DC output voltage to show full range and be consistent in Section 5.7
................................ 14
•
Changed set condition for BUCK6 for VOUT range in Section 5.7 to match BUCK1 and BUCK2 ........................ 15
•
Updated formatting and added new OTP information for BUCK6 in Section 5.7
........................................... 15
•
Updated formatting for BUCK3 DC output voltage in Section 5.8
............................................................ 17
•
Changed DC output voltage formatting for BUCK4 in Section 5.8
........................................................... 18
•
Changed maximum IOUT value for BUCK4 in Section 5.8 to match device capabilities ................................... 18
•
Changed IOUT and ΔVOUT/ΔIOUT for VTT LDO in Section 5.9 for new OTPs ................................................ 23
•
Changed test conditions for VTT LDO overcurrent protection in Section 5.9
............................................... 23
•
Changed Section 5.10 to show SWB1_2 RDSON is specified per output .................................................... 24
•
Changed fSW values in Section 5.15 to provide more values ................................................................. 26
•
Changed current to 1.9 A to match SoC requirements in Table 6-1
......................................................... 28
•
Changed BUCK6, LDOA2, LDOA3 typical output voltage range to: OTP Dependent in Table 6-1
...................... 28
•
Changed table note to include additional DDR types in Table 6-1
........................................................... 28
•
Changed PMIC Functional Block Diagram to match specifications table
................................................... 29
•
Changed PROCHOTB to PROCHOT in the Apollo Lake Power Map
....................................................... 30
•
Changed current ratings in Apollo Lake Power Map
........................................................................... 30
•
Deleted SWBx PG from PG of PCH_PWROK in Table 6-2
................................................................... 31
•
Changed BUCK1–2 to all BUCKs and LDOAs in Section 6.4.3.3
............................................................ 36
•
Added Table 6-5 and Table 6-6 to Section 6.4.4.2
............................................................................. 38
•
Added more DDR values to the table note in Table 6-7
....................................................................... 39
•
Changed Section 6.4.5 to include LDOA1 and reset information
............................................................. 40
•
Changed Section 6.7 to include multiple DDRs
................................................................................. 40
•
Changed Figure 6-7 and Figure 6-8 to include alternate SWB1_2 Timing
.................................................. 42
•
Changed SWB1_2 from: V3P3A to: V1P8U in Table 6-10
.................................................................... 42
•
Changed VDDQ voltage to OTP Dependent and SWBx to SWB1_2 in Table 6-11
....................................... 44
•
Updated Figure 6-10 to include alternate SWB1_2 Timing
.................................................................... 45
•
Changed Section 6.4.5.5 to include alternate SWB1_2 Timing
............................................................... 46
•
Changed Section 6.4.5.6 to include THERMTRIPB
........................................................................... 47
•
Added the TPS65094x family OTP values to Section 6.7
..................................................................... 52
•
Replaced VID values with link to full VID table in Table 6-18 and Table 6-19
.............................................. 55
•
Updated naming of bits in the TEMPHOT register
.............................................................................. 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com