Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 63 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TPS650941 Datasheet HTML 59Page - Texas Instruments TPS650941 Datasheet HTML 60Page - Texas Instruments TPS650941 Datasheet HTML 61Page - Texas Instruments TPS650941 Datasheet HTML 62Page - Texas Instruments TPS650941 Datasheet HTML 63Page - Texas Instruments TPS650941 Datasheet HTML 64Page - Texas Instruments TPS650941 Datasheet HTML 65Page - Texas Instruments TPS650941 Datasheet HTML 66Page - Texas Instruments TPS650941 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
63
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
www.ti.com
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2016, Texas Instruments Incorporated
Table 6-35. VR_CTRL2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
BUCK5_EN
R/W
0
BUCK5 Enable bit.
0: BUCK5 operates normally.
1: Enabled regardless of power sequencing
3
BUCK4_EN
R/W
0
BUCK4 Enable bit.
0: BUCK4 operates normally.
1: Enabled regardless of power sequencing
2
BUCK3_EN
R/W
0
BUCK3 Enable bit. BUCK3_DISABLEB has priority over BUCK3_EN.
0: BUCK3 operates normally.
1: Enabled regardless of power sequencing, unless BUCK3_DISABLEB = 0
1
BUCK2_EN
R/W
0
BUCK2 Enable bit. BUCK2_DISABLEB has priority over BUCK2_EN.
0: BUCK2 operates normally.
1: Enabled regardless of power sequencing, unless BUCK2_DISABLEB = 0
0
BUCK1_EN
R/W
0
BUCK1 Enable bit. BUCK1_DISABLEB has priority over BUCK1_EN.
0: BUCK1 operates normally.
1: Enabled regardless of power sequencing, unless BUCK1_DISABLEB = 0
6.7.25 VR_CTRL3: VR Enable/Disable Register (offset = 9Fh) [reset = 0111 0000]
Figure 6-43. VR_CTRL3 Register (Offset = 9Fh) [reset = 0111 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
SWB1_2_
DISABLEB
SWA1_
DISABLEB
VTT_
DISABLEB
VTT_EN
RESERVED
SWB1_2_EN
LDOA3_EN
TPS650940 and
TPS650944
0
1
1
0
1
0
0
0
TPS650941 and
TPS650942
0
1
1
1
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com