Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS650941 Datasheet HTML 5Page - Texas Instruments TPS650941 Datasheet HTML 6Page - Texas Instruments TPS650941 Datasheet HTML 7Page - Texas Instruments TPS650941 Datasheet HTML 8Page - Texas Instruments TPS650941 Datasheet HTML 9Page - Texas Instruments TPS650941 Datasheet HTML 10Page - Texas Instruments TPS650941 Datasheet HTML 11Page - Texas Instruments TPS650941 Datasheet HTML 12Page - Texas Instruments TPS650941 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
9
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
www.ti.com
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TPS65094
Pin Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
NO.
NAME
I/O
SUPPLY, OP
VOLTAGE
LEVEL
DESCRIPTION
INTERFACE
13
PMICEN
I
PMIC cold-boot pin. At assertion rising edge of the signal of this pin
power state transitions from G3 to S4/S5. Driving the pin to L shuts
down all VRs.
14
LDOLS_EN or
SWA1_EN
I
Enable pin for LDOA2, LDOA3, and SWA1 when OTP is configured to
LDOLS_EN. Enable pin for just SWA1 when OTP is configured to
SWA1_EN. Resources turn on at assertion (H) and turn off at
deassertion (L) of the pin. Optionally, when the pin is pulled low, the
host can write to enable bits in Reg 0xA0–Reg 0xA1 to control the
rails.
15
IRQB
O
Open-drain output interrupt pin. Refer to Section 6.7.3, IRQ: PMIC
Interrupt Register, for definitions.
16
RSMRSTB
O
Open-drain output Always-ON-rail Power Good. It reflects a valid state
whenever VSYS is available.
26
GPO
O
Open-drain output controlled by an I2C register bit defined in
Section 6.7.26, GPO_CTRL: GPO Control Register, by the user,
which then can be used as an enable signal to an external VR.
27
PCH_PWROK
O
Open-drain output global Power Good. It reflects a valid state
whenever VSYS is available.
28
PROCHOT
O
Optional open-drain output for indicating PMIC thermal event. Invert
before connecting to SoC if used, otherwise leave floating.
58
CLK
I
I2C clock
59
DATA
I/O
I2C data
60
THERMTRIPB
I
Thermal shutdown signal from SoC
61
SLP_S0B
I
Power state pin. PMIC goes into Connected Standby at falling edge
and exits from Connected Standby at rising edge.
62
SLP_S3B
I
Power state pin. PMIC goes into S3 at falling edge and exits from S3,
transitions into S0 at rising edge.
63
SLP_S4B
I
Power state pin. PMIC goes into S4 at falling edge and exits from S4,
transitions into S3 at rising edge.
REFERENCE
53
VREF
O
1.25 V
Band-gap reference output. Stabilize it by connecting a 100-nF
(typical) ceramic capacitor between this pin and quiet ground.
52
AGND
—
Analog ground. Do not connect to the thermal pad ground on top
layer. Connect to ground of VREF capacitor.
55
VSYS
I
System voltage detection and input to internal LDOs (3.3 V and 5 V).
Bypass to ground with a 1-µF (typical) ceramic capacitor.
THERMAL PAD
—
Thermal pad
—
Connect to PCB ground plane using multiple vias for good thermal
and electrical performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com