Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 71 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TPS650941 Datasheet HTML 67Page - Texas Instruments TPS650941 Datasheet HTML 68Page - Texas Instruments TPS650941 Datasheet HTML 69Page - Texas Instruments TPS650941 Datasheet HTML 70Page - Texas Instruments TPS650941 Datasheet HTML 71Page - Texas Instruments TPS650941 Datasheet HTML 72Page - Texas Instruments TPS650941 Datasheet HTML 73Page - Texas Instruments TPS650941 Datasheet HTML 74Page - Texas Instruments TPS650941 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
71
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
www.ti.com
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2016, Texas Instruments Incorporated
7
Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
7.1
Application Information
7.1.1
Typical Application
For a detailed description about application usage, refer to the TPS65094x Design Guide (SLVUAK0) and
to the TPS65094x Schematic Checklist, Layout Checklist, and ILIM Calculator Tool (SLVA735). The
TPS65094x can be used in several different applications from computing, industrial interfacing, and much
more. This section describes the general application information and provides a more detailed description
on the TPS65094x device that powers the Intel Apollo Lake system. The functional block diagram for the
device is shown in Figure 7-1, which outlines the typical external components necessary for proper device
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com