Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 64 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TPS650941 Datasheet HTML 60Page - Texas Instruments TPS650941 Datasheet HTML 61Page - Texas Instruments TPS650941 Datasheet HTML 62Page - Texas Instruments TPS650941 Datasheet HTML 63Page - Texas Instruments TPS650941 Datasheet HTML 64Page - Texas Instruments TPS650941 Datasheet HTML 65Page - Texas Instruments TPS650941 Datasheet HTML 66Page - Texas Instruments TPS650941 Datasheet HTML 67Page - Texas Instruments TPS650941 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
64
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2016, Texas Instruments Incorporated
Table 6-36. VR_CTRL3 Register Field Descriptions
Bit
Field
Type
Reset
Description
6
SWB1_2_DISABLEB
R/W
1
SWB1_2 Active Low Disable Bit. Writing 0 to this bit forces
SWB1_2 to turn off regardless of status of enable pins (PMICEN,
SLP_Sx). Has priority over SWB1_2_EN.
0: Disabled
1: SWB1_2 operates normally.
5
SWA1_DISABLEB
R/W
1
SWA1 Active Low Disable Bit. Writing 0 to this bit forces SWA1 to
turn off regardless of status of enable pins (PMICEN, SLP_Sx).
Has priority over SWA1_EN.
0: Disabled
1: SWA1 operates normally.
4
VTT_DISABLEB
R/W
TPS650940 and
TPS650944: 0
TPS650941 and
TPS650942: 1
VTT_LDO Active Low Disable Bit. Writing 0 to this bit forces
VTT_LDO to turn off regardless of status of enable pins
(PMICEN, SLP_Sx). Has priority over VTT_EN.
0: Disabled
1: VTT_LDO operates normally.
3
VTT_EN
R/W
TPS650940 and
TPS650944: 1
TPS650941 and
TPS650942: 0
VTT_LDO Enable bit. VTT_DISABLEB has priority over VTT_EN.
0: VTT_LDO operates normally.
1: Enabled regardless of power sequencing, unless
VTT_DISABLEB = 0
1
SWB1_2_EN
R/W
0
SWB1_2_Enable bit. SWB1_2_DISABLEB has priority over
SWB1_2_EN.
0: SWB1_2 operates normally.
1: Enabled regardless of power sequencing, unless
SWB1_2_DISABLEB = 0
0
LDOA3_EN
R/W
0
LDOA3 Enable bit.
0: Enabled if LDOLS_EN = 1
1: Enabled regardless of LDOLS_EN state
6.7.26 GPO_CTRL: GPO Control Register (offset = A1h) [reset = 0010 0000]
Figure 6-44. GPO_CTRL Register (offset = A1h) [reset = 0010 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
GPO_LVL
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
TPS65094x
0
0
1
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-37. GPO_CTRL Register Field Descriptions
Bit
Field
Type Reset
Description
5
GPO_LVL
R/W
1
Open-drain GPO output level bit.
0: The pin is driven to logic low.
1: The pin is high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com