Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 5 Page - Texas Instruments

  TPS650941 Datasheet HTML 1Page - Texas Instruments TPS650941 Datasheet HTML 2Page - Texas Instruments TPS650941 Datasheet HTML 3Page - Texas Instruments TPS650941 Datasheet HTML 4Page - Texas Instruments TPS650941 Datasheet HTML 5Page - Texas Instruments TPS650941 Datasheet HTML 6Page - Texas Instruments TPS650941 Datasheet HTML 7Page - Texas Instruments TPS650941 Datasheet HTML 8Page - Texas Instruments TPS650941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
5
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
www.ti.com
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TPS65094
Device Options
Copyright © 2015–2016, Texas Instruments Incorporated
3
Device Options
3.1
OTP Comparison
Table 3-1 summarizes the differences between the various TPS65094x family OTPs.
Table 3-1. Summary of TPS65094x OTP Differences
TPS650940
TPS650941
TPS650942
TPS650944
DDR
LPDDR4
LPDDR3
DDR3L
LPDDR4
BUCK6 Voltage
1.1 V
1.2 V
1.35 V
1.1 V
VTT Disabled
Yes
No
No
Yes
VTT IOCP (minimum)
0.95 A
0.95 A
1.8 A
1.8 A
SWB1_2 controlled by SLP_S4B (V1P8U)
Yes
Yes
No
Yes
SWB1_2 controlled by SLP_S3B
No
No
Yes
No
Pin 14 Usage
LDOLS_EN
LDOLS_EN
LDOLS_EN
SWA1_EN
LDOA1 Always On
No
No
No
Yes
LDOA1 Default Voltage
3.3 V
3.3 V
3.3 V
1.8 V
LDOA2 Default Voltage
1.2 V
1.2 V
1.2 V
0.7 V
LDOA3 Default Voltage
1.25 V
1.25 V
1.25 V
0.7 V
PMICEN Low Forces Reset
Yes
Yes
Yes
No
DEVICEID Register
8h
29h
1Ah
0Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com