Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 1 Page - Texas Instruments

  TPS650941 Datasheet HTML 1Page - Texas Instruments TPS650941 Datasheet HTML 2Page - Texas Instruments TPS650941 Datasheet HTML 3Page - Texas Instruments TPS650941 Datasheet HTML 4Page - Texas Instruments TPS650941 Datasheet HTML 5Page - Texas Instruments TPS650941 Datasheet HTML 6Page - Texas Instruments TPS650941 Datasheet HTML 7Page - Texas Instruments TPS650941 Datasheet HTML 8Page - Texas Instruments TPS650941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
TPS65094x PMIC for Intel™ Apollo Lake Platform
1
Device Overview
1
1.1
Features
1
• Wide VIN Range From 5.6 V to 21 V
• Three Variable-Output Voltage Synchronous
Step-Down Controllers With D-CAP2™ Topology
– 5 A for BUCK1 (VNN), 7 A for BUCK6 (VDDQ),
and 21 A for BUCK2 (VCCGI) Using External
FETs for Typical Applications
– I2C Dynamic Voltage Scaling (DVS) Control
(0.5 V to 1.45 V in 10-mV Steps) for BUCK1 and
BUCK2
– OTP-Programmable Default Output Voltage for
BUCK6 (VDDQ)
• Three Variable-Output Voltage Synchronous
Step-Down Converters With DCS-Control
Topology and I2C DVS Capabilities
– VIN Range From 4.5 V to 5.5 V
– 3 A of Output Current for BUCK3 (VCCRAM)
– 2 A of Output Current for BUCK4 (V1P8A) and
BUCK5 (V1P24A) for Typical Applications
• Three LDO Regulators With Adjustable Output
Voltage
– LDOA1: I2C-Selectable Output Voltage From
1.35 V to 3.3 V for up to 200 mA of Output
Current
– LDOA2 and LDOA3: I2C-Selectable Output
Voltage From 0.7 V to 1.5 V for up to 600 mA of
Output Current
• VTT LDO for DDR Memory Termination
• Three Load Switches With Slew Rate Control
– Up to 400 mA of Output Current With Voltage
Drop Less Than 1.5% of Nominal Input Voltage
– RDSON < 96 mΩ at Input Voltage of 1.8 V
• I2C Interface (Device Address 0x5E) Supports:
– Standard Mode (100 kHz)
– Fast Mode (400 kHz)
– Fast Mode Plus (1 MHz)
1.2
Applications
•
2-, 3-, or 4-Series Cell Li-Ion Battery-Powered
Products (NVDC or Non-NVDC)
•
Wall-Powered Designs, Particularly From 12-V
Supply
•
Tablets, Ultrabook™, and Notebook Computers
•
Mobile PCs and Mobile Internet Devices
1.3
Description
The TPS65094x device is a single-chip solution, power-management integrated chip (PMIC) designed
specifically for the latest Intel™ processors targeted for tablets, ultrabooks, notebooks, industrial PCs, and
Internet-of-Things (IOT) applications using 2S, 3S, or 4S Li-Ion battery packs (NVDC or non-NVDC power
architectures), as well as wall-powered applications. The TPS65094x device is used for essential systems
with low-voltage rails merged for the smallest footprint and lowest-cost system-power solution. The
TPS65094x device provides the complete power solution based on the Intel Reference Designs. Six highly
efficient step-down voltage regulators (VRs), a sink or source LDO (VTT), and a load switch are controlled
by power-up sequence logic to provide the proper power rails, sequencing, and protection—including
DDR3 and DDR4 memory power. The two regulators (BUCK1 and BUCK2) support dynamic voltage
scaling (DVS) for maximum efficiency—including support for Connected Standby. The high-frequency VRs
use small inductors and capacitors to achieve a small solution size. An I2C interface allows simple control
by an embedded controller (EC) or by a system on chip (SoC). The PMIC comes in an 8-mm × 8-mm
single-row VQFN package with a thermal pad for good thermal dissipation and ease of board routing.
(1)
For more information, see the Mechanical Packaging and Orderable Information section.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65094x
VQFN (64)
8.00 mm × 8.00 mm


Similar Part No. - TPS650941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
PMIC for Intel Apollo Lake Platform
TPS650941A0RSKR TI1-TPS650941A0RSKR Datasheet
1Mb / 96P
PMIC for Intel Apollo Lake Platform
TPS650941A0RSKR TI1-TPS650941A0RSKR Datasheet
1Mb / 92P
PMIC for Intel??Apollo Lake Platform
TPS650941A0RSKT TI1-TPS650941A0RSKT Datasheet
138Kb / 7P
PMIC for Intel Apollo Lake Platform
TPS650941A0RSKT TI1-TPS650941A0RSKT Datasheet
1Mb / 96P
PMIC for Intel Apollo Lake Platform
More results

Similar Description - TPS650941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
PMIC for Intel Braswell Platform
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
PMIC for Intel Apollo Lake Platform
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
IntelR CeleronR processor N3350 (Apollo Lake)
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
PMIC for Intel??Apollo Lake Platform
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
LEC-7242-DM-V1 LANNER-LEC-7242-DM-V1 Datasheet
237Kb / 2P
Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2022.07.15
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
logo
BCM Advanced Research.
MX110H BCM-MX110H Datasheet
445Kb / 1P
Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com